Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM7498 Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

Part # SM7498
Description  3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7498 Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

Back Button SM7498 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM7498 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM7498 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7498 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7498 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7498 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7498 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7498 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM7498 Datasheet HTML 11Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SAMHOP Microelectronics Corp.
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
1
2
3
3
2
1
D
C
B
A
0.1 uf
1.0 uf
1.0 uf
1.0 uf
0.1 uf
1 uf
1.0 uf
5K
9
10
SE / BTL
HP / LINE
MUTE
SHUTDOWN
4
5
17
18
12
13
ROUT +
ROUT +
ROUT -
ROUT -
LOUT -
LOUT -
LOUT +
LOUT +
25
26
2
3
6
BYPASS
15 , 21 , 28
19
20
22
23
RLINEIN
RHPIN
LLINEIN
LHPIN
VDD
1 , 7 , 14 , 16 , 27
VDD
8
VOLUME
Right Audio Input
Left Audio Input
SM7498HL
+
10 uf
Application circuit using the SM7498HL in an LCD monitor with 16Ω speaker outputs and volume control
APPLICATION INFORMATION
Figure 1. Typical Bridge-Tied-Load(BTL) audio amplifier application circuit for an LCD monitor
Page 6
V.0.2 April 03,2007


Similar Part No. - SM7498

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM7498HL SAMHOP-SM7498HL Datasheet
794Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

Similar Description - SM7498

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM7512 SAMHOP-SM7512 Datasheet
336Kb / 16P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7511 SAMHOP-SM7511 Datasheet
2Mb / 23P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7497 SAMHOP-SM7497 Datasheet
712Kb / 12P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7516 SAMHOP-SM7516 Datasheet
343Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7498HL SAMHOP-SM7498HL Datasheet
794Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6030A4 TI-TPA6030A4 Datasheet
214Kb / 27P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com