Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM7512SG Datasheet(PDF) 8 Page - SamHop Microelectronics Corp.

Part # SM7512SG
Description  3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7512SG Datasheet(HTML) 8 Page - SamHop Microelectronics Corp.

Back Button SM7512SG Datasheet HTML 4Page - SamHop Microelectronics Corp. SM7512SG Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7512SG Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7512SG Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7512SG Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7512SG Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7512SG Datasheet HTML 10Page - SamHop Microelectronics Corp. SM7512SG Datasheet HTML 11Page - SamHop Microelectronics Corp. SM7512SG Datasheet HTML 12Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Page 7
APPLICATION INFORMATION
The figure is schematic diagrams of typical notebook computer application circuits.
ROUT-
PVDD
RLINEIN
VDD
LLINEIN
LPVDD
LOUT-
LPGND
RPGND
ROUT+
SE/BTL
VOLUME
GND
BYPASS
SHUTDOWN
LOUT+
Right
Speaker
Cc
VDD
100kΩ
1kΩ
Headphones
1kΩ
Cc
C(BYP)
System
Control
Left
Speaker
VDD
Left Line
Audio Source
Ci
Cs
Ci
Cs
VDD
Right Line
Audio Source
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
100kΩ
In From DAC
or
Potentiometer
(DC Voltage)
Figure 1. SM7512 Application Circuit Using Single-Ended Inputs and Input MUX
SAMHOP Microelectronics Corp.
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
V.1.4 Revised May 28,2007
VDD


Similar Part No. - SM7512SG

ManufacturerPart #DatasheetDescription
logo
Sinopower Semiconductor...
SM7510NSF SINOPWER-SM7510NSF Datasheet
163Kb / 11P
   N-Channel Enhancement Mode MOSFET
SM7510NSFC-TUG SINOPWER-SM7510NSFC-TUG Datasheet
163Kb / 11P
   N-Channel Enhancement Mode MOSFET
logo
SamHop Microelectronics...
SM7511 SAMHOP-SM7511 Datasheet
2Mb / 23P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Sinopower Semiconductor...
SM7511NSK SINOPWER-SM7511NSK Datasheet
239Kb / 10P
   N-Channel Enhancement Mode MOSFET
SM7511NSKC-TRG SINOPWER-SM7511NSKC-TRG Datasheet
239Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - SM7512SG

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM7498 SAMHOP-SM7498 Datasheet
789Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7511 SAMHOP-SM7511 Datasheet
2Mb / 23P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7497 SAMHOP-SM7497 Datasheet
712Kb / 12P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7516 SAMHOP-SM7516 Datasheet
343Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7498HL SAMHOP-SM7498HL Datasheet
794Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6030A4 TI-TPA6030A4 Datasheet
214Kb / 27P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com