Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM16705P Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # SM16705P
Description  8-BIT CONSTANT CURRENT LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM16705P Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

Back Button SM16705P Datasheet HTML 2Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 3Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 4Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 5Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 6Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 7Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 8Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 9Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 10Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MAXIMUM RATINGS (Ta = 25oC)
Page 6
DIP : Ambient temperature derated above 25oC in the proportion of 11.8mW / oC
SOP/ SSOP: Ambient temperature delated above 25oC in the proportion of 6.3mW / oC
(Note)
RECOMMENDED OPERATING CONDITION (Ta = -40 ~ 85oC unless otherwise noted)
SAMHOP Microelectronics Corp.
8-BIT CONSTANT CURRENT LED DRIVER
V.2.10
PD
VDD
VIN
IOUT
VOUT
fCLK
IGND
Topr
Tstg
Rth (j-a)
Supply Voltage
Input Voltage
Output Current
Output Voltage
Clock Frequency
GND Terminal Current
Operating Termerature
Storage Temperature
Thermal Resistance
Power Dissipation
0 ~ 7.0
- 0.4 ~ VDD +0.4
90
- 0.5 ~ 20.0
25
720
1.47 (DIP : FREE AIR, Ta = 25oC)
0.78 (SOP/ SSOP : ON PCB, Ta = 25oC)
-40 ~ 85
-55 ~ 150
85 (DIP : FREE AIR, Ta = 25oC)
160 (SOP/ SSOP : ON PCB, Ta = 25oC)
V
V
mA
V
MHz
mA
W
oC / W
oC
oC
Symbol
Characteristic
Rating
Unit
V
Output Current
Supply Voltage
Output Voltage
mA
V
V
5
3.3
5.0
88
1.0
5.5
15.0
OUTn,DC test circuit
SERIAL-OUT
IOUT
IOH
VDD
VOUT
-1.0
SERIAL-OUT
IOL
Input Voltage
VDD = 4.5 ~ 5.5V
0.7
VDD
VDD
+0.3
VIH
LATCH Pulse Width
CLOCK Pulse Width
ns
ns
20
20
tw LAT
tw CLK
ns
500
tw EN
ENABLE Pulse Width
Hold Time for DATA
Set-up Time for LATCH
ns
ns
20
20
thold (D)
tsetup(L)
ns
20
tsetup(D)
Set-up Time for DATA
Characteristic
Unit
Min.
Typ. Max.
Condition
Symbol
-0.3
0.3
VDD
VIL
W
0.40
Ta = 85oC
(SOP/ SSOP ON PCB)
MHz
25
Clock Frequency
Cascade operation
fCLK
Power Dissipation
PD
Ta = 85oC(DIP FREE AIR)
0.82


Similar Part No. - SM16705P

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM16706 SAMHOP-SM16706 Datasheet
153Kb / 15P
   16-BIT CONSTANT CURRENT LED DRIVER
SM16706F SAMHOP-SM16706F Datasheet
153Kb / 15P
   16-BIT CONSTANT CURRENT LED DRIVER
SM16706FN SAMHOP-SM16706FN Datasheet
153Kb / 15P
   16-BIT CONSTANT CURRENT LED DRIVER
SM16706P SAMHOP-SM16706P Datasheet
153Kb / 15P
   16-BIT CONSTANT CURRENT LED DRIVER
SM16706SP SAMHOP-SM16706SP Datasheet
153Kb / 15P
   16-BIT CONSTANT CURRENT LED DRIVER
More results

Similar Description - SM16705P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
   8 BIT CONSTANT CURRENT LED DRIVER
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
   8-Bit Constant Current LED Driver
logo
Silicon Touch Technolog...
DM11A SITI-DM11A Datasheet
422Kb / 20P
   8-bit Constant Current LED Driver
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
   8-Bit Constant Current LED Driver
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
ams AG
AS1109 AMSCO-AS1109_04 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
   Constant-Current, 8-Bit LED Driver with Diagnostics
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
   Constant-Current, 8-Bit LED Driver with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com