Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM16705P Datasheet(PDF) 8 Page - SamHop Microelectronics Corp.

Part # SM16705P
Description  8-BIT CONSTANT CURRENT LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM16705P Datasheet(HTML) 8 Page - SamHop Microelectronics Corp.

Back Button SM16705P Datasheet HTML 4Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 5Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 6Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 7Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 8Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 9Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 10Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 11Page - SamHop Microelectronics Corp. SM16705P Datasheet HTML 12Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SWITCHING CHARACTERISTICS (Ta = 25 oC unless otherwise noted)
SAMHOP Microelectronics Corp.
8-BIT CONSTANT CURRENT LED DRIVER
Page 8
V.2.10
Characteristic
Propagation
Delay Time
("L" to "H")
Propagation
Delay Time
("H" to "L")
Symbol
tpLH
tpHL
Unit
ns
ns
Min.
Typ.
Max.
180
360
25
40
180
180
360
360
130
360
22
40
130
130
360
360
Condition
VDD = 5.0V
REXT = 470Ω
VL = 3.0V
RL = 62Ω
CL = 10 pF
Output Rise Time
Output Fall Time
tor
tof
ns
100
100
130
130
400
400
SERIAL-IN-OUTn
LATCH-OUTn
SERIAL-IN-OUTn
LATCH-OUTn
ENABLE-OUTn
CLOCK
-SERIAL-OUT
ENABLE-OUTn
CLOCK
-SERIAL-OUT


Similar Part No. - SM16705P

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM16706 SAMHOP-SM16706 Datasheet
153Kb / 15P
   16-BIT CONSTANT CURRENT LED DRIVER
SM16706F SAMHOP-SM16706F Datasheet
153Kb / 15P
   16-BIT CONSTANT CURRENT LED DRIVER
SM16706FN SAMHOP-SM16706FN Datasheet
153Kb / 15P
   16-BIT CONSTANT CURRENT LED DRIVER
SM16706P SAMHOP-SM16706P Datasheet
153Kb / 15P
   16-BIT CONSTANT CURRENT LED DRIVER
SM16706SP SAMHOP-SM16706SP Datasheet
153Kb / 15P
   16-BIT CONSTANT CURRENT LED DRIVER
More results

Similar Description - SM16705P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
   8 BIT CONSTANT CURRENT LED DRIVER
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
   8-Bit Constant Current LED Driver
logo
Silicon Touch Technolog...
DM11A SITI-DM11A Datasheet
422Kb / 20P
   8-bit Constant Current LED Driver
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
   8-Bit Constant Current LED Driver
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
ams AG
AS1109 AMSCO-AS1109_04 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
   Constant-Current, 8-Bit LED Driver with Diagnostics
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
   Constant-Current, 8-Bit LED Driver with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com