Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6803G Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # SM6803G
Description  WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM6803G Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  SM6803G Datasheet HTML 1Page - SamHop Microelectronics Corp. SM6803G Datasheet HTML 2Page - SamHop Microelectronics Corp. SM6803G Datasheet HTML 3Page - SamHop Microelectronics Corp. SM6803G Datasheet HTML 4Page - SamHop Microelectronics Corp. SM6803G Datasheet HTML 5Page - SamHop Microelectronics Corp. SM6803G Datasheet HTML 6Page - SamHop Microelectronics Corp. SM6803G Datasheet HTML 7Page - SamHop Microelectronics Corp. SM6803G Datasheet HTML 8Page - SamHop Microelectronics Corp. SM6803G Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SAMHOP Microelectronics Corp.
WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
RECOMMENDED OPERATING CONDITIONS
DC ELECTRICAL CHARACTERISTICS
(VDD = 3.7V, Ta = 25oC, No Load, unless otherwise noted)
Symbol
Characteristic
Condition
Min.
Typ.
Max.
tH
-
10
-
-
tL
-
125
-
175
td
-
480
-
-
VLEDL
ILEDn=20mA
-
100
120
ILEDmax
-
-
20
-
ILEDn=20mA, Between IC
-
-
+/-5
Between LED1~LED4 (Note 1)
-
-
+/-3
IDD
-
-
400
600
IDDSTBY
-
-
0.1
-
ts
-
9
-
30
Hold Time Between Pulse
Long Low Pulse Width
Minimum Disable Low Time
LED Dropout Voltage
LED Maximum Sink Current
LED Sink Current Tolerance
LED Sink Current Deviation
Supply Current
Standby Supply Current
Short Low Pulse Width
VIH
VIL
Input Voltage
"H" Level
"L" Level
-
-
2
-
-
-
-
0.4
IIH
IIL
Input Current
"H" Level
"L" Level
-
-
-5.0
-5.0
-
-
+5.0
+5.0
Unit
mV
mA
%
%
µA
µA
µs
V
µA
Apply
Pin
LEDn
VDD
EN/CTRL
Supply Voltage
Output Sink Current
V
mA
3
-
-
-
5
25
-
-
VDD
ILED
Characteristic
Unit
Min.
Typ. Max.
Condition
Symbol
Operating free-air
temperature range
C
-40
-
+85
-
Ta
Note 1: I LEDn (max) -ILEDn (average) and ILEDn(average)-ILEDn(min)
µs
µs
µs
Page 4
V.1.0 July 12,2007


Similar Part No. - SM6803G

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6800A NPC-SM6800A Datasheet
169Kb / 12P
   Class-D Mono Amplifier for Mobile Telephones
SM6800AB NPC-SM6800AB Datasheet
169Kb / 12P
   Class-D Mono Amplifier for Mobile Telephones
SM6801A NPC-SM6801A Datasheet
213Kb / 16P
   Class-D Mono Amplifier for Portable Device
logo
M.S. Kennedy Corporatio...
SM6801A MSK-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
logo
SamHop Microelectronics...
SM6801A SAMHOP-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
More results

Similar Description - SM6803G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7110 ETC1-AMC7110 Datasheet
115Kb / 1P
   White/Blue LED Driver for Li-Ion Battery Application
logo
ADDtek Corp
AMC7110 ADDTEK-AMC7110 Datasheet
199Kb / 10P
   WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
JUNE 2007
logo
Vishay Siliconix
SIP12401 VISHAY-SIP12401 Datasheet
154Kb / 7P
   Boost Controller For Double AA Cell or Li-Ion Battery For White LED Application
Rev. C, 03-Sep-07
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
ACE Technology Co., LTD...
ACE517 ACE-ACE517 Datasheet
213Kb / 8P
   WLED Linear Driver for Li-lon Battery Application
VER 1.2
logo
Maxim Integrated Produc...
MAX17703EVKITA MAXIM-MAX17703EVKITA Datasheet
1Mb / 15P
   MAX17703 in 4.2V Li-Ion Battery Charger Application
Rev 0; 4/21
logo
Rohm
BD99958GW ROHM-BD99958GW Datasheet
8Mb / 130P
   1 to 4-Cell Li-Ion Battery Manager For Application Processors
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
   1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com