Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM16705FN Datasheet(PDF) 11 Page - SamHop Microelectronics Corp.

Part # SM16705FN
Description  8-BIT CONSTANT CURRENT LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM16705FN Datasheet(HTML) 11 Page - SamHop Microelectronics Corp.

Back Button SM16705FN Datasheet HTML 7Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 8Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 9Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 10Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 11Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 12Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 13Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 14Page - SamHop Microelectronics Corp. SM16705FN Datasheet HTML 15Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Output Current - Duty (LED turn-on rate)
REXT - IOUT
SAMHOP Microelectronics Corp.
8-BIT CONSTANT CURRENT LED DRIVER
Ta - PD
Ambient Temerature Ta (oC)
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
-40 -20
0
20
40
60
80
F/FN FREE AIR
F/FN ON PCB
P FREE AIR
Page 11
V.2.10
R
EXT (Ω)
Fig. 1
100
90
70
80
60
50
30
40
10
20
0
200 300
500
1,000
2,000 3,000 5,000
VOUT = 0.7V
VDD = 5.0V
IOUT
{(1.25 / R
EXT
(Ω)} ×14.7
Output Current - REXT Resistor
Output Current - Output Voltage
Ice
Vce-Ice
R=240Ω
R=470Ω
R=3900Ω
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-0.01
0
0.5
1
1.5
2
2.5
3
3.5
Vce


Similar Part No. - SM16705FN

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM16706 SAMHOP-SM16706 Datasheet
153Kb / 15P
   16-BIT CONSTANT CURRENT LED DRIVER
SM16706F SAMHOP-SM16706F Datasheet
153Kb / 15P
   16-BIT CONSTANT CURRENT LED DRIVER
SM16706FN SAMHOP-SM16706FN Datasheet
153Kb / 15P
   16-BIT CONSTANT CURRENT LED DRIVER
SM16706P SAMHOP-SM16706P Datasheet
153Kb / 15P
   16-BIT CONSTANT CURRENT LED DRIVER
SM16706SP SAMHOP-SM16706SP Datasheet
153Kb / 15P
   16-BIT CONSTANT CURRENT LED DRIVER
More results

Similar Description - SM16705FN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
   8 BIT CONSTANT CURRENT LED DRIVER
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
   8-Bit Constant Current LED Driver
logo
Silicon Touch Technolog...
DM11A SITI-DM11A Datasheet
422Kb / 20P
   8-bit Constant Current LED Driver
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
   8-Bit Constant Current LED Driver
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
ams AG
AS1109 AMSCO-AS1109_04 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
   Constant-Current, 8-Bit LED Driver with Diagnostics
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
   Constant-Current, 8-Bit LED Driver with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com