Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN6507B Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # EN6507B
Description  Stepping Motor Driver Output Current 2.8A
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN6507B Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button EN6507B Datasheet HTML 5Page - Sanyo Semicon Device EN6507B Datasheet HTML 6Page - Sanyo Semicon Device EN6507B Datasheet HTML 7Page - Sanyo Semicon Device EN6507B Datasheet HTML 8Page - Sanyo Semicon Device EN6507B Datasheet HTML 9Page - Sanyo Semicon Device EN6507B Datasheet HTML 10Page - Sanyo Semicon Device EN6507B Datasheet HTML 11Page - Sanyo Semicon Device EN6507B Datasheet HTML 12Page - Sanyo Semicon Device EN6507B Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
STK672-080-E
No.6507-9/18
• M1, M2, and M3 (Excitation mode and CLK input edge timing selection)
1) Pin circuit type: Built-in pull-up resistor (20k
Ω, typical) CMOS Schmitt trigger structure
2) Function:
M2
0
0
1
1
M1
M3
0
1
0
1
Phase switching clock edge timing
1
2 phase excitation
1-2 phase excitation
W1-2 phase excitation
2W1-2 phase excitation
Rising edge only
0
1-2 phase excitation
W1-2 phase excitation
2W1-2 phase excitation
4W1-2 phase excitation
Rising and falling edges
3) Valid mode setting timing: Applications must not change the mode in the period 5
μs before or after a CLK signal
rising or falling edge.
Mode Setting Acquisition Timing
• RESET (Resets all parts of the system.)
1) Pin circuit type: Built-in pull-up resistor (20k
Ω, typical) CMOS Schmitt trigger structure
2) Function:
- All circuit states are set to their initial values by setting the RESET pin low. (Note that the pulse width must be
at least 10
μs.)
At this time, the A and B phases are set to their origin, regardless of the excitation mode. The output current
goes to about 71% after the reset is released.
3) Notes: When power is first applied to this hybrid IC, Vref must be established by applying a reset. Applications
must apply a power on reset when the VCC2 power supply is first applied.
• Vref (Sets the current level used as the reference for constant-current detection.)
1) Pin circuit type: Analog input structure
2) Function:
- Constant-current control can be applied to the motor excitation current at 100% of the rated current by applying a
voltage less than the control system power supply voltage VCC2 minus 2.5V.
- Applications can apply constant-current control proportional to the Vref voltage, with this value of 2.5V as the
upper limit.
Output Pin Functions
Pin No.
Symbol
Function
Pin circuit type
14
MOI
Phase excitation origin monitor
Standard CMOS structure
Output Signal Functions and Timing
• A, A, B, and B (Motor phase excitation outputs)
1) Function:
- In the 4 phase and 2 phase excitation modes, a 3.75
μs (typical) interval is set up between the A and A and B and
B output signal transition times.
Mode switching timing
Excitation counter up/down
CLK input
System clock
Mode setting
M1 to M3
Mode switching clock
Hybrid IC internal setting state
Phase excitation clock
A13265


Similar Part No. - EN6507B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN651 ONSEMI-EN651 Datasheet
290Kb / 2P
   10.0A Single-Phase Bridge Rectifier
October, 2013
logo
Sanyo Semicon Device
EN6546B SANYO-EN6546B Datasheet
533Kb / 7P
   General-Purpose Switching Device Applications
EN6555B SANYO-EN6555B Datasheet
441Kb / 7P
   General-Purpose Switching Device Applications
EN6559A SANYO-EN6559A Datasheet
590Kb / 10P
   Ultrahigh-Speed Switching Applications
EN6560B SANYO-EN6560B Datasheet
533Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - EN6507B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-070-E SANYO-STK672-070-E Datasheet
178Kb / 18P
   Stepping Motor Driver Output Current 1.5A
STK672-220-E SANYO-STK672-220-E Datasheet
97Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
logo
Sanyo Semicon Device
STK673-010-E SANYO-STK673-010-E Datasheet
112Kb / 15P
   3-Phase Stepping Motor Driver Output Current 2.4A
logo
ON Semiconductor
STK672-220-E ONSEMI-STK672-220-E Datasheet
100Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
logo
Sanyo Semicon Device
STK6713AMK3 SANYO-STK6713AMK3 Datasheet
61Kb / 3P
   Stepping Motor Fixed-current Driver
STK6713BMK3 SANYO-STK6713BMK3 Datasheet
61Kb / 3P
   Stepping Motor Fixed-current Driver?
STK672-210 SANYO-STK672-210 Datasheet
90Kb / 8P
   Two-Phase Stepping Motor Driver Output Current: 1.4 A
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
logo
Princeton Technology Co...
PT2463 PTC-PT2463 Datasheet
185Kb / 5P
   PWM Constant-Current Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com