Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ78A Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # SMDJ78A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

SMDJ78A Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  SMDJ78A Datasheet HTML 1Page - MDE Semiconductor, Inc. SMDJ78A Datasheet HTML 2Page - MDE Semiconductor, Inc. SMDJ78A Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3000 Watt Surface Mount TVS
UNI
BI
SMDJ5.0A SMDJ5.0CA
RDE
DDE
5.00
6.40
7.00
10
9.2
326.1
800
SMDJ6.0A SMDJ6.0CA
RDG
DDG
6.00
6.67
7.37
10
10.3
291.3
800
SMDJ6.5A SMDJ6.5CA
RDK
DDK
6.50
7.22
7.98
10
11.2
267.9
500
SMDJ7.0A SMDJ7.0CA
PDM
DDM
7.00
7.78
8.60
10
12.0
250.0
200
SMDJ7.5A SMDJ7.5CA
PDP
DDP
7.50
8.33
9.21
1
12.9
232.6
100
SMDJ8.0A SMDJ8.0CA
PDR
DDR
8.00
8.89
9.83
1
13.6
220.6
50
SMDJ8.5A SMDJ8.5CA
PDT
DDT
8.50
9.44
10.40
1
14.4
208.3
20
SMDJ9.0A SMDJ9.0CA
PDV
DDV
9.00
10.00
11.10
1
15.4
194.8
10
SMDJ10A
SMDJ10CA
PDX
DDX
10.00
11.10
12.30
1
17.0
176.5
5
SMDJ11A
SMDJ11CA
PDZ
DDZ
11.00
12.20
13.50
1
18.2
164.8
5
SMDJ12A
SMDJ12CA
PEE
DEE
12.00
13.30
14.70
1
19.9
150.8
5
SMDJ13A
SMDJ13CA
PEG
DEG
13.00
14.40
15.90
1
21.5
139.5
5
SMDJ14A
SMDJ14CA
PEK
DEK
14.00
15.60
17.20
1
23.2
129.3
5
SMDJ15A
SMDJ15CA
PEM
DEM
15.00
16.70
18.50
1
24.4
123.0
5
SMDJ16A
SMDJ16CA
PEP
DEP
16.00
17.80
19.70
1
26.0
115.4
5
SMDJ17A
SMDJ17CA
PER
DER
17.00
18.90
20.90
1
27.6
108.7
5
SMDJ18A
SMDJ18CA
PET
DET
18.00
20.00
22.10
1
29.2
102.7
5
SMDJ20A
SMDJ20CA
PEV
DEV
20.00
22.20
24.50
1
32.4
92.6
5
SMDJ22A
SMDJ22CA
PEX
DEX
22.00
24.40
26.90
1
35.5
84.5
5
SMDJ24A
SMDJ24CA
PEZ
DEZ
24.00
26.70
29.50
1
38.9
77.1
5
SMDJ26A
SMDJ26CA
PFE
DFE
26.00
28.90
31.90
1
42.1
71.3
5
SMDJ28A
SMDJ28CA
PFG
DFG
28.00
31.10
34.40
1
45.4
66.1
5
SMDJ30A
SMDJ30CA
PFK
DFK
30.00
33.30
36.80
1
48.4
62.0
5
SMDJ33A
SMDJ33CA
PFM
DFM
33.00
36.70
40.60
1
53.3
56.3
5
SMDJ36A
SMDJ36CA
PFP
DFP
36.00
40.00
44.20
1
58.1
51.6
5
SMDJ40A
SMDJ40CA
PFR
DFR
40.00
44.40
49.10
1
64.5
46.5
5
SMDJ43A
SMDJ43CA
PFT
DFT
43.00
47.80
52.80
1
69.4
43.2
5
SMDJ45A
SMDJ45CA
PFV
DFV
45.00
50.00
55.30
1
72.7
41.3
5
SMDJ48A
SMDJ48CA
PFX
DFX
48.00
53.30
58.90
1
77.4
38.8
5
SMDJ51A
SMDJ51CA
PFZ
DFZ
51.00
56.70
62.70
1
82.4
36.4
5
SMDJ54A
SMDJ54CA
PGE
DGE
54.00
60.00
66.30
1
87.1
34.4
5
SMDJ58A
SMDJ58CA
PGG
DGG
58.00
64.40
71.20
1
93.6
32.1
5
SMDJ60A
SMDJ60CA
PGK
DGK
60.00
66.70
73.70
1
96.8
31.0
5
SMDJ64A
SMDJ64CA
PGM DGM
64.00
71.10
78.60
1
103.0
29.1
5
SMDJ70A
SMDJ70CA
PGP
DGP
70.00
77.80
86.00
1
113.0
26.5
5
SMDJ75A
SMDJ75CA
PGR
DGR
75.00
83.30
92.10
1
121.0
24.8
5
SMDJ78A
SMDJ78CA
PGT
DGT
78.00
86.70
95.80
1
126.0
23.8
5
SMDJ85A
SMDJ85CA
PGV
DGV
85.00
94.40
104.00
1
137.0
21.9
5
SMDJ90A
SMDJ90CA
PGX
DGX
90.00
100.00
111.00
1
146.0
20.5
5
SMDJ100A SMDJ100CA
PGZ
DGZ
100.00
111.00
123.00
1
162.0
18.5
5
SMDJ110A SMDJ110CA
PHE
DHE
110.00
122.00
135.00
1
177.0
16.9
5
SMDJ120A SMDJ120CA
PHG
DHG
120.00
133.00
147.00
1
193.0
15.5
5
SMDJ130A SMDJ130CA
PHK
DHK
130.00
144.00
159.00
1
209.0
14.4
5
SMDJ150A SMDJ150CA
PHM
DHM
150.00
167.00
185.00
1
243.0
12.3
5
SMDJ160A SMDJ160CA
PHP
DHP
160.00
178.00
197.00
1
259.0
11.6
5
SMDJ170A SMDJ170CA
PHR
DHR
170.00
189.00
209.00
1
275.0
10.9
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is ± 10%
Certified RoHS Compliant
UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
UNI-POLAR
BI-POLAR
DEVICE
MARKING
CODE
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM
IR (µA)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @ IT
TEST
CURRENT
(IT)
mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)


Similar Part No. - SMDJ78A

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
SMDJ78A SAMYANG-SMDJ78A Datasheet
2Mb / 6P
   Transient Voltage Suppressor Diodes
logo
List of Unclassifed Man...
SMDJ78A ETC1-SMDJ78A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
DONGGUAN YOU FENG WEI E...
SMDJ78A YFWDIODE-SMDJ78A Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shanghai Yint Electroni...
SMDJ78A YINT-SMDJ78A Datasheet
1Mb / 5P
   SMDJ Transient Voltage Suppressor Diode Series
logo
UN Semiconducctor INC
SMDJ78A UNSEMI-SMDJ78A Datasheet
4Mb / 8P
   5.0 To 440V 3000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - SMDJ78A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com