Selected language     English  ▼


F-1515 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-1515
Description  100 BASE-T4 TRANSFORMERS
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
27
100BASET - 4/99
Turns
OCL
L
L
DCR
P
C
w/w
Part
Ratio
Min.
max.
max.
max.
Isolation
Number
+3%
(
µH )
(
µH )
(
Ω )
( pF )
(V
RMS)
T-15200
1:2CT
350
1.0
0.5
14
1500
T-15201
2CT:1CT
350
1.0
1.0
10
1500
The above parts are avaiable in surface mount versions.
Add suffix "G". See data sheet for dimensions.
Designed to provide isolation and impedance
matching for 4 twisted pairs in a 100 Mbps
Transmission over UTP-3 Cable.
Designed for popular 100Base-T4 transiever chips
IEEE 802.3 Compatible
Fast Rise Times
Common Mode Choke available for improved
EMI performance
100 BASE-T4
TRANSFORMERS
Four Transformers per Unit
Electrical Specifications at 25o C
T-15200 Schematic Diagram
T-15200 Schematic Diagram
14
18
711
17
15
10
8
9
16
13
12
20
24
15
23
21
4
2
3
22
19
6
PRI
PRI
PRI
PRI
SEC
SEC
SEC
SEC
14
18
711
17
15
10
8
9
16
13
12
20
24
15
23
21
4
2
3
22
19
6
PRI
PRI
PRI
PRI
SEC
SEC
SEC
SEC
T-15200
: Designed for
use with SEEQ 80C240P
T-15201
: Designed for
use with Cypress CY7C971
Physical
Dimensions
inches (mm)
SMD versions
available on
Tape & Reel
1.280
(32.51)
MAX.
.295
(7.49)
MAX.
.020
(0.51)
TYP.
.120
(3.05)
MIN.
.100
(2.54)
TYP.
.040
(1.02)
TYP.
.018
(0.46)
TYP.
.300
(7.62)
.285
(7.24)
MAX.
.008 R
(0.20)
.365
(9.27)
MAX.
.010
(0.25)
TYP.
Turns
OCL
L
L
DCR
P
C
w/w
Part
Ratio
Min.
max.
max.
max.
Isolation
Number
+3%
(
µH )
(
µH )
(
Ω )
( pF )
(V
RMS)
F-1515
1 :1
36
0.2
0.35
15
500
Electrical Specifications at 25o C
Impedance
Ω (Min.)
2000 @ 30 Mhz
1500 @ 50 Mhz
1000 @ 70 Mhz
100 BASE-T4
COMMON MODE
CHOKE
10
20
40
60
80 100
1000
2000
3000
4000
Frequency ( MHz )
200
300
0
Typical
Minimum
.015
(0.38)
TYP.
.505
(12.83)
MAX.
.016
(0.41)
TYP.
.205
(5.21)
MAX.
.360 (9.14)
.380 (9.65)
.285
(7.24)
MAX.
.025
(0.64)
TYP.
.050
(1.27)
TYP.
.010
(0.25)
TYP.
Dimensions in Inches (mm)
F-1515
Schematic Diagram




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AEP900-TADSL Transformers for Legerity AMD Chipsets 1 Nuvotem Talema
2N6796100 V 200 V 400 V & 500 V N-Channel Enhancement Mode MOSFET Power Transistor 1 2 3 4 5 List of Unclassifed Manufacturers
CS9202_06Micropower 3.3 V 100 mA Linear Regulator with NOCAP 1 2 3 4 5 MoreON Semiconductor
MJF6388_06COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS 40 WATTS 1 2 3 4 5 MoreON Semiconductor
DDTA122LUPNP PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
A57_1Cascadable Amplifier 100 to 500 MHz 1 2 Tyco Electronics
DR25125 Amp Automotive Rectifier 100 to 600 Volts 1 2 Micro Commercial Components
SD820TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts 1 2 Dc Components
SFF150-330 AMP 100 Volts 0.055OHM N-Channel POWER MOSFET 1 2 Solid States Devices, Inc
SDR620CT40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER 1 2 Solid States Devices, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl