Selected language     English  ▼


T-10606 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-10606
Description  General Purpose Triple Package Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
www.rhombus-ind.com
.205
(5.21)
MAX.
.015
(0.38)
TYP.
.785
(19.94)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.400 (10.16)
.430 (10.92)
.285
(7.24)
MAX.
.010
(0.25)
TYP.
.008 R
(0.20)
.030
(0.76)
TYP.
.300
(7.62)
.285
(7.24)
MAX.
.008 R
(0.20)
.365
(9.27)
MAX.
.010
(0.25)
TYP.
.120
(3.05)
MIN.
.205
(5.21)
MAX.
.020
(0.51)
.785
(19.94)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.









35,
6(&
6(&21'$5<
6(&
35,0$5<
35,




SCHEMATIC DIAGRAM
Isolation (Min.)
Turns
OCL
E-T
Rise
Pri./Sec.
L
L
DCR
500 V
RMS
2000 V
RMS
Ratio
(
µH)
V
µS
Time
C
W/W
(
µH)
(
Ω )
Part No.
Part No.
(+5%)
(+20%)
min.
(ns max)
(pF max)
max.
max.
T-10600
T-10700
1:1
30
1.8
3.0
8
.20
.20
T-10601
T-10701
1:1
35
1.8
3.0
8
.20
.20
T-10602
T-10702
1:1
50
2.1
3.0
9
.20
.20
T-10603
T-10703
1:1
75
2.3
3.0
10
.20
.25
T-10604
T-10704
1:1
80
2.3
3.0
10
.20
.25
T-10605
T-10705
1:1
100
2.7
3.5
10
.20
.25
T-10606
T-10706
1:1
150
3.0
3.5
12
.25
.30
T-10607
T-10707
1:1
200
3.5
3.5
15
.25
.40
T-10608
T-10708
1:1
250
3.5
3.5
15
.25
.40
ELECTRICAL SPECIFICATIONS AT 25o C
T-10600
9301
14PIN-SM 2/93
14 Pin DIP Package
Dimensions in inches (mm)
14 Pin Gull Wing Package
Dimensions in inches (mm)
General Purpose
Triple Package
Transformers
High Isolation 2000Vrms (T-107XX SERIES)
Fast Rise Times
Auto-Insertable Transfer Molded DIP
Surface Mount Versions (Add Suffix "G" to P/N)




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-11300General Purpose Dual Package Transformers 1 Rhombus Industries Inc.
HDSP-B571Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm 2.09 inch Package 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HDSP-R8818 x 8 Rich Color General Purpose Dot Matrix Displays 47.8 mm 1.88 inch Package 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
1N4148W400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode 1 2 3 4 Tak Cheong Electronics (Holdings) Co.,Ltd
1SS422200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode 1 2 3 4 Tak Cheong Electronics (Holdings) Co.,Ltd
TC1N4148WT200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode 1 2 3 4 Tak Cheong Electronics (Holdings) Co.,Ltd
FMB5551_04NPN General Purpose Amplifier SuperSOT-6 Surface Mount Package 1 2 3 Fairchild Semiconductor
TC1SS400200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode 1 2 3 4 Tak Cheong Electronics (Holdings) Co.,Ltd
KPC357NTMini-flat Package General Purpose Photo Coupler 1 2 3 4 5 MoreTAITRON Components Incorporated
TCBAS16200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode 1 2 3 4 Tak Cheong Electronics (Holdings) Co.,Ltd

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl