Selected language     English  ▼


SMAJ7.0CA Datasheet(PDF) 2 Page - MDE Semiconductor, Inc.

Part No. SMAJ7.0CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MDE [MDE Semiconductor, Inc.]
Homepage  http://www.mdesemiconductor.com
Logo 

   
 2 page
background image
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
RATING AND CHARACTERISTIC CURVES SMAJ SERIES
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
Number of Cycles at 60 Hz
50
200
TJ = TJ max,
8.3ms Single Half Sine-Wave
(JEDEC Method)
10
100
1000
10000
Measured at
Stand-Off
Voltage, VWM
TJ = 25°C
f = 1.0MHZ
Vsig = 50mVp-p
Fig.4 - Typical Junction Capacitance
1
100
200
10
Uni-Directional
Bi-Directional
VWM - Reverse Stand-Off Voltage (V)
0
12.5
25
37.5
50
62.5
75
87.5
100
0
25
50
75
100
125
150
175
200
Fig.2 - Pulse Derating Curve
0.2x0.2"(5.0x5.0mm)
Copper Pad Areas
TA - Ambient Temperature (°C)
0.1
1
10
100
10ms
0.1µs
1.0µs
10µs
100µs
1.0ms
td - Pulse Width (sec.)
Fig. 1 - Peak Pulse Power Rating
0.2x0.2"(5.0x5.0mm)
Copper Pad Areas
Non-repetitive Pulse
Wavetorm shown in Fig.3
TA = 25°C
SMAJ5.0 –
SMAJ78
SMAJ85A –
SMAJ170
t - Time(ms)
4.0
150
0
1.0
2.0
tr = 10µsec.
Peak Value
IPPM
TJ = 25°C
Pulse Width(td)is defined
as the point where the
peak current decays to
50% of IPPM
10/1000µsec.Waveform
as defined by R.E.A.
td
Fig.3 - Pulse Waveform
4.0
50
Half Value- IPPM
2
100
3.0
0
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
Fig. 5 - Typ.Transient Thermal Impedance
tp-Pulse Duration (sec)




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
P4SMAJ_06400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
SMBJ5.0Surface Mount Transient Voltage Suppressor 1 2 3 4 Taiwan Semiconductor Company, Ltd
1.5SMCJ5.0Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes 1 2 3 4 Diotec Semiconductor
SMCJ51500W Surface Mount Transient Voltage Suppressor 1 2 3 4 5 MoreTAITRON Components Incorporated
P4SMAJ180400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 Won-Top Electronics
SMBJ5.0_1600 Watts Surface Mount Transient Voltage Suppressor 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
P4SMA6400W Surface Mount Transient Voltage Suppressor 1 2 3 4 5 MoreTAITRON Components Incorporated
1.5SMCJ_061500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
P6SMBJ_06600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl