Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKL12TD Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # RKL12TD
Description  thick film SIP resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RKL12TD Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  RKL12TD Datasheet HTML 1Page - KOA Speer Electronics, Inc. RKL12TD Datasheet HTML 2Page - KOA Speer Electronics, Inc. RKL12TD Datasheet HTML 3Page - KOA Speer Electronics, Inc. RKL12TD Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
71
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/28/08
RKC, RKH, RKL
thick film SIP resistors
wattage/package
Derating Curve
environmental applications
100
80
60
40
20
-60
-40
0
406080100160
70
20
Ambient Temperature
(°C)
0
-55
120
155
-20
140
125
RKL, RKC (L, K circuit), Custom circuit
RKC (except L, K circuit), RKH
Performance Characteristics
PMS 300 neg.
Black neg.
8
7
6
5
4
3
Number of Pins
RKH
––
511
701
796
606
416
RKL
147
228
314
357
271
185
160
217
273
387
444
9
891
400
501
RKC
330
15
14
13
12
11
10
Number of Pins
RKH
986
1176
––
––
1271
1081
RKL
443
529
––
––
––
486
558
615
672
785
842
16
––
––
893
RKC
728
Parameter
Requirement
∆ R
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/-55°C, +25°C/+125°C (RKL)
+25°C/-55°C, +25°C/+155°C (RKC, RKH)
Within specified
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated voltage x 2.5 for 5 seconds
±0.5%
±0.25%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±0.5%
±0.25%
Temperature Cycling
-40°C (30 minutes), +85°C (30 minutes), 5 cycles
±0.5%
±0.25%
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±2.0%
±1.0%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±2.0%
±1.0%
1733 Reader's Spreads pg1-203:document
1/27/09
4:07 PM
Page 69


Similar Part No. - RKL12TD

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RKL8ADSTB103F KOA-RKL8ADSTB103F Datasheet
276Kb / 4P
   thick film SIP resistors
RKL8ADSTB103G KOA-RKL8ADSTB103G Datasheet
276Kb / 4P
   thick film SIP resistors
RKL8ADSTB103J KOA-RKL8ADSTB103J Datasheet
276Kb / 4P
   thick film SIP resistors
RKL8ADSTP103F KOA-RKL8ADSTP103F Datasheet
276Kb / 4P
   thick film SIP resistors
RKL8ADSTP103G KOA-RKL8ADSTP103G Datasheet
276Kb / 4P
   thick film SIP resistors
More results

Similar Description - RKL12TD

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RKC8BDSTP103F KOA-RKC8BDSTP103F Datasheet
276Kb / 4P
   thick film SIP resistors
logo
Bourns Electronic Solut...
4612X BOURNS-4612X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4606X BOURNS-4606X_11 Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4605X BOURNS-4605X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4604X BOURNS-4604X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4608X BOURNS-4608X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4609X BOURNS-4609X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4610X BOURNS-4610X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4607X BOURNS-4607X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4611X BOURNS-4611X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com