Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AI3D-40 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # AI3D-40
Description  AI3D Series FAST / TTL Buffered Triple Independent Delays
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

AI3D-40 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  AI3D-40 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
AI3D 9902
P/N Description
AI3D - XXX X
Buffered Triple Delays:
14-pin Com'l 74F / TTL
Delay Per Line in nanoseconds (ns)
Lead Style: Blank = Auto-Insertable DIP
G = “Gull Wing” Surface Mount
J = “J” Bend Surface Mount
Examples: AI3D-20 = 20ns Triple 74F/TTL, DIP
AI3D-5G = 5ns Triple 74F/TTL, G-SMD
OPERATING SPECIFICATIONS
V
CC Supply Voltage .......................... 5.00 ± 0.25 VDC
I
CC
Supply Current ................. 45 mA typ, 95 mA max.
Logic “1” Input:
V
IH ...........
2.00 V min., 5.50 V max.
I
IH ..................
20
µA max. @ 2.70V
Logic “0” Input:
V
IL ..............................
0.80 V max.
I
IL ...............................
-0.6 mA mA
V
OH
Logic “1” Voltage Out ......................... 2.40 V min.
V
OL
Logic “0” Voltage Out ....................... 0.50 V max.
P
WI
Input Pulse Width .................. 100% of Delay min.
Operating Temperature Range .................. 0O to 70OC
Storage Temperature Range ............ -65O to +150OC
TEST CONDITIONS -- FAST / TTL
V
CC Supply Voltage ................................................ 5.00VDC
Input Pulse Voltage ................................................... 3.20V
Input Pulse Rise Time ....................................... 3.0 ns max.
Input Pulse Width / Period .......................... 1000 / 2000 ns
1. Measurements made at 25OC
2. Delay Times measured at 1.50V level of leading edge.
3. Rise Times measured from 0.75V to 2.40V.
4. 10pf probe and fixture load on output under test.
Dimensions in Inches (mm)
Commercial Grade 14-Pin Package with
Unused Leads Removed as per Schematic.
.250
(6.35)
MAX.
.015
(0.38)
TYP.
.785
(19.94)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.200
(5.08)
TYP.
G-SMD (AI3D-XXG)
.120
(3.05)
MIN.
.250
(6.35)
MAX.
.020
(0.51)
.785
(19.94)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.200
(5.08)
TYP.
DIP (Default, AI3D-XX)
.400 (10.16)
.430 (10.92)
.285
(7.24)
MAX.
.010
(0.25)
TYP.
.008 R
(0.20)
.030
(0.76)
TYP.
)
X.
.300
(7.62)
.285
(7.24)
MAX.
.008 R
(0.20)
.365
(9.27)
MAX.
.010
(0.25)
TYP.
14-Pin Package Surface Mount
and Thru-hole Versions
FAST/TTL Logic Buffered
3 Independent Equal Delay Lines
*** Unique Delays Per Line are Available ***
Operating Temperature Range
0OC to +70OC
8-pin DIP/SMD Versions: FAM3D Series
14-pin Low Cost DIP: MSDM Series
AI3D 14-Pin Schematic
1
3
7
8
10
12
Vcc
14
IN 1
IN 2
IN 3
GND
5
OUT1
OUT2
OUT3
Delay
Tolerance
(ns)
14-Pin 74F/TTL Buffered
Triple Independent Delays
DIP P/N
G-SMD P/N
5 ± 1.00
AI3D-5
AI3D-5G
6 ± 1.00
AI3D-6
AI3D-6G
7 ± 1.00
AI3D-7
AI3D-7G
8 ± 1.00
AI3D-8
AI3D-8G
9 ± 1.00
AI3D-9
AI3D-9G
10 ± 1.50
AI3D-10
AI3D-10G
11 ± 1.50
AI3D-11
AI3D-11G
12 ± 1.50
AI3D-12
AI3D-12G
15 ± 2.00
AI3D-15
AI3D-15G
20 ± 2.00
AI3D-20
AI3D-20G
25 ± 2.00
AI3D-25
AI3D-25G
30 ± 2.00
AI3D-30
AI3D-30G
35 ± 2.00
AI3D-35
AI3D-35G
40 ± 2.00
AI3D-40
AI3D-40G
50 ± 2.50
AI3D-50
AI3D-50G
Electrical Specifications at 25OC
AI3D Series FAST / TTL Buffered Triple Independent Delays


Similar Part No. - AI3D-40

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
AI3152 A1PROS-AI3152 Datasheet
138Kb / 9P
   the digital signal-processing chip for color video camera
AI325 A1PROS-AI325 Datasheet
87Kb / 8P
   1/3 inch CCD Image Sensor for EIA B/W Camera
AI325CA A1PROS-AI325CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for NTSC Camera
AI329 A1PROS-AI329 Datasheet
62Kb / 8P
   1/3 inch CCD Image Sensor for CCIR B/W Camera
Ver1.0
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for PAL Camera
More results

Similar Description - AI3D-40

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
MSDM-5 RHOMBUS-IND-MSDM-5 Datasheet
31Kb / 1P
   MSDM Series FAST / TTL Buffered Triple Independent Delays
FAI4D-M01 RHOMBUS-IND-FAI4D-M01 Datasheet
34Kb / 1P
   FAST / TTL Logic Buffered Triple & Quad Delays Modules
MECH2B-3 RHOMBUS-IND-MECH2B-3 Datasheet
22Kb / 1P
   MECH2B Series 10KH ECL Logic Buffered Dual Independent Delays
FAI3D-4 RHOMBUS-IND-FAI3D-4 Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAMDL-4 RHOMBUS-IND-FAMDL-4 Datasheet
45Kb / 1P
   Logic Buffered Single - Dual - Triple Independent Delay Modules
FAIDM-7 RHOMBUS-IND-FAIDM-7 Datasheet
39Kb / 1P
   FAST / TTL Buffered 5-Tap Delay Modules
FAMDM-7 RHOMBUS-IND-FAMDM-7 Datasheet
38Kb / 1P
   FAMDM Series FAST / TTL Buffered 5-Tap Delay Modules
FSDM-5 RHOMBUS-IND-FSDM-5 Datasheet
31Kb / 1P
   FSDM Series FAST / TTL Buffered Single Output Delay Lines
AIDM-7 RHOMBUS-IND-AIDM-7 Datasheet
39Kb / 1P
   AIDM Series FAST / TTL Buffered 5-Tap Delay Modules
DTZM1-9 RHOMBUS-IND-DTZM1-9 Datasheet
35Kb / 1P
   DTZM Series FAST / TTL Buffered 5-Tap Delay Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com