Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIZ-1205 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # AIZ-1205
Description  AIZ Series Passive 10-Tap DIP/SMD Delay Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

AIZ-1205 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  AIZ-1205 Datasheet HTML 1Page - Rhombus Industries Inc. AIZ-1205 Datasheet HTML 2Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
AIZ 9901
AIZ Series Passive 10-Tap DIP/SMD Delay Modules
Page
1 of 2
Low Profile 14-Pin Package
Two Surface Mount Versions
Low Distortion LC Network
10 Equal Delay Taps, Variety of Footprints
Fast Rise Time -- BW
0.35 / t
r
Standard Impedances: 50 - 75 - 100 - 200
Stable Delay vs. Temperature: 100 ppm/OC
Operating Temperature Range -55OC to +125OC
Operating Specifications -
Passive Delay Lines
Pulse Overshoot (Pos) .................................... 5% to 10%, typical
Pulse Distortion (S) ....................................................... 3% typical
Working Voltage ............................................... 25 VDC maximum
Dielectric Strength ............................................ 100VDC minimum
Insulation Resistance ......................... 1,000 M
Ω min. @ 100VDC
Temperature Coefficient .................................. 70 ppm/OC, typical
Bandwidth (f
C) .........................................................
0.35/
t
r
approx.
Operating Temperature Range ............................. -55O to +125OC
Storage Temperature Range ................................. -65O to +150OC
Delay Tolerances
50 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
75 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
100 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
200 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
Total
(ns)
Tap-to-Tap
(ns)
5.0 ± 0.5 0.5 ± 0.2
AIZ-55
1.5
0.8
AIZ-57
1.5
0.8
AIZ-51
1.5
0.8
AIZ-52
1.5
0.8
7.5 ± 0.5 0.75 ± 0.3 AIZ-7P55
1.8
0.8
AIZ-7P57
1.8
1.1
AIZ-7P51
1.8
0.8
AIZ-7P52
1.8
0.8
10 ± 1.0
1.0 ± 0.4
AIZ-105
2.0
.80
AIZ-107
2.0
1.1
AIZ-101
2.0
1.2
AIZ-102
2.0
1.7
15 ± 1.0
1.5 ± 0.5
AIZ-155
3.0
1.0
AIZ-157
3.0
1.3
AIZ-151
3.0
1.4
AIZ-152
3.0
1.9
20 ± 1.0
2.0 ± 0.5
AIZ-205
4.0
1.2
AIZ-207
4.0
1.5
AIZ-201
4.0
1.6
AIZ-202
4.0
2.4
25 ± 1.25
2.5 ± 0.5
AIZ-255
5.0
1.3
AIZ-257
5.0
1.6
AIZ-251
5.0
1.8
AIZ-252
5.0
3.4
30 ± 1.5
3.0 ± 0.6
AIZ-305
6.0
1.4
AIZ-307
6.0
1.9
AIZ-301
6.0
2.0
AIZ-302
6.0
3.7
35 ± 1.75
3.5 ± 1.0
AIZ-355
7.0
1.5
AIZ-357
7.0
2.6
AIZ-351
7.0
2.9
AIZ-352
7.0
4.0
40 ± 2.0
4.0 ± 1.0
AIZ-405
8.0
1.6
AIZ-407
8.0
2.9
AIZ-401
8.0
3.1
AIZ-402
8.0
4.3
50 ± 2.5
5.0 ± 1.0
AIZ-505
10.0
1.8
AIZ-507
10.0
3.2
AIZ-501
10.0
3.5
AIZ-502
10.0
5.6
60 ± 3.0
6.0 ± 1.5
AIZ-605
12.0
2.0
AIZ-607
12.0
3.5
AIZ-601
12.0
3.8
AIZ-602
12.0
6.1
75 ± 3.75
7.5 ± 1.5
AIZ-755
15.0
2.9
AIZ-757
15.0
4.5
AIZ-751
15.0
4.8
AIZ-752
15.0
6.8
80 ± 4.0
8.0 ± 1.8
AIZ-805
16.0
3.0
AIZ-807
16.0
4.8
AIZ-801
16.0
5.0
AIZ-802
16.0
7.0
100 ± 5.0
10.0 ± 2.0 AIZ-1005
20.0
3.4
AIZ-1007
20.0
4.9
AIZ-1001
20.0
5.6
AIZ-1002
20.0
8.0
120 ± 6.0
12.0 ± 2.5 AIZ-1205
24.0
3.7
AIZ-1207
24.0
5.5
AIZ-1201
24.0
6.0
AIZ-1202
25.0
12.0
125 ± 6.25 12.5 ± 2.5 AIZ-1255
25.0
3.9
AIZ-1257
25.0
5.6
AIZ-1251
25.0
6.3
AIZ-1252
26.0
12.3
150 ± 7.5
15.0 ± 3.0 AIZ-1505
30.0
4.8
AIZ-1507
30.0
6.3
AIZ-1501
30.0
6.8
AIZ-1502
32.0
13.5
Electrical Specifications at 25OC 1, 2, 3
Note: For SMD Package add "G" of "J" as below to P/N in Table
1. Rise Times are measured from 10% to 90% points.
2. Delay Times measured at 50% point of leading edge.
3. Output (100% Tap) terminated to ground through R
L=ZO
AIZ Style Schematic
Most Popular Footprint
AIY Style Schematic
Per table above,
substitute AIY for AIZ in P/N
OPTIONAL SCHEMATICS: As below, with similar electricals per table these passive delays are available
in range of schematic styles (Contact factory for others not shown).
AIU Style Schematic
Per table above,
substitute AIU for AIZ in P/N
14
10%
13
30%
12
50%
11
70%
10
90%
9
100%
8
1
IN
N/C
3
20%
40%
5
60%
6
80%
7
COM
4
2
COM
14
10%
13
30%
12
50%
11
70%
10
90%
9
100%
8
1
IN
N/C
3
20%
40%
5
60%
6
80%
7
COM
4
2
COM
14
10%
13
30%
12
50%
11
70%
10
90%
9
100%
8
1
IN
3
20%
40%
5
60%
6
80%
7
COM
4
2
COM
50%
14-PIN PACKAGE OPTIONS: See Drawings on Page 2.
Available as Thru-hole (default) or SMD versions.
Gull wing SMD add "G" to end of P/N per table.
J-Bend SMD add "J" to end of P/N per table.
G-SMD
Add "G"
J-SMD
Add "J"
DIP


Similar Description - AIZ-1205

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S469-0005-XX BEL-S469-0005-XX Datasheet
49Kb / 1P
   10 TAP 14 PIN DIP PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
AMZ-2.55 RHOMBUS-IND-AMZ-2.55 Datasheet
42Kb / 1P
   AMZ & AMY Series Passive 5-Tap DIP/SMD Delay Modules
logo
Data Delay Devices, Inc...
1520 DATADELAY-1520 Datasheet
350Kb / 3P
   10-TAP DIP/SMD DELAY LINE TD/TR = 5
logo
Rhombus Industries Inc.
SP24A RHOMBUS-IND-SP24A Datasheet
45Kb / 1P
   SP24A Series 20-Tap High Performance Passive Delay Modules
SP24 RHOMBUS-IND-SP24 Datasheet
43Kb / 1P
   SP24 Series 20-Tap High Performance Passive Delay Modules
SIP4 RHOMBUS-IND-SIP4 Datasheet
30Kb / 1P
   SIP4 Series 5-Tap High Performance Passive Delay Modules
logo
Bel Fuse Inc.
0475-0005-50 BEL-0475-0005-50 Datasheet
57Kb / 1P
   5 TAP 7 PIN SIP PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
TZA1-5 RHOMBUS-IND-TZA1-5 Datasheet
35Kb / 1P
   TZA / TYA Series 5-Tap High Performance Passive Delay Modules
logo
Bel Fuse Inc.
S407-0000-00 BEL-S407-0000-00 Datasheet
44Kb / 1P
   SMD SINGLE OUTPUT PASSIVE DELAY MODULES
logo
PCA ELECTRONICS INC.
EPA245-50 PCA-EPA245-50 Datasheet
30Kb / 1P
   SMD 14 Pin 10 Tap TTL Compatible Active Delay Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com