Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU312D Datasheet(PDF) 10 Page - SamHop Microelectronics Corp.

Part # STU312D
Description  Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU312D Datasheet(HTML) 10 Page - SamHop Microelectronics Corp.

Back Button STU312D Datasheet HTML 3Page - SamHop Microelectronics Corp. STU312D Datasheet HTML 4Page - SamHop Microelectronics Corp. STU312D Datasheet HTML 5Page - SamHop Microelectronics Corp. STU312D Datasheet HTML 6Page - SamHop Microelectronics Corp. STU312D Datasheet HTML 7Page - SamHop Microelectronics Corp. STU312D Datasheet HTML 8Page - SamHop Microelectronics Corp. STU312D Datasheet HTML 9Page - SamHop Microelectronics Corp. STU312D Datasheet HTML 10Page - SamHop Microelectronics Corp. STU312D Datasheet HTML 11Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
S T U 312D
A
B
C
M
D
G
S
P
H
J
K
L
Millimeters
MIN
MAX
A
6.40
6.80
B
5.2
5.50
C
6.80
10.20
D
2.20
3.00
P
S
0.50
0.80
G
0.40
0.60
H
2.20
2.40
J
0.45
0.60
K
0
0.15
L
0.90
1.50
M
5.40
5.80
REF .
1.27 REF.
T O -252-4L
P A C K A G E
O U T L INE
DIME NS IO NS


Similar Part No. - STU312D

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STU312D VBSEMI-STU312D Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
More results

Similar Description - STU312D

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU309DH SAMHOP-STU309DH Datasheet
201Kb / 11P
   Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
STS3621 SAMHOP-STS3621 Datasheet
195Kb / 11P
   Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
STU309D SAMHOP-STU309D Datasheet
177Kb / 11P
   Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
STU407DH SAMHOP-STU407DH Datasheet
180Kb / 11P
   Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
STM4973 SAMHOP-STM4973 Datasheet
890Kb / 7P
   Dual P -Channel E nhancement Mode F ield E ffect Transistor
SDM4953 SAMHOP-SDM4953 Datasheet
358Kb / 5P
   Dual P -Channel E nhancement Mode F ield E ffect Transistor
SDU9435 SAMHOP-SDU9435 Datasheet
396Kb / 5P
   P - Channel E nhancement Mode F ield E ffect Transistor
STS4501 SAMHOP-STS4501 Datasheet
116Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
STM9435 SAMHOP-STM9435 Datasheet
655Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
STM4431 SAMHOP-STM4431 Datasheet
887Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com