Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU600S Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STU600S
Description  N-Channel E nhancement Mode F ield E ffect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU600S Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STU600S Datasheet HTML 1Page - SamHop Microelectronics Corp. STU600S Datasheet HTML 2Page - SamHop Microelectronics Corp. STU600S Datasheet HTML 3Page - SamHop Microelectronics Corp. STU600S Datasheet HTML 4Page - SamHop Microelectronics Corp. STU600S Datasheet HTML 5Page - SamHop Microelectronics Corp. STU600S Datasheet HTML 6Page - SamHop Microelectronics Corp. STU600S Datasheet HTML 7Page - SamHop Microelectronics Corp. STU600S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N-Channel E nhancement Mode Field E ffect Transistor
TO-252 and TO-251 Package.
S amHop Microelectronics C orp.
Aug 25,2006
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m W ) Max
60V
16A
55 @ V GS = 10V
70 @ V GS = 4.5V
F E AT UR E S
S uper high dense cell design for low R DS(ON).
R ugged and reliable.
S
G
D
S TU S E R IE S
TO-252AA(D-PAK)
S TD S E R IE S
TO-251(l-PAK)
G
G
S
S
D
D
S T U/D600S
Parameter
S ymbol
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
VGS
V
Drain Current-Continuous @ Ta
-Pulsed
ID
50
A
A
A
W
IDM
Drain-S ource Diode Forward Current
IS
Maximum Power Dissipation
PD
Operating Junction and S torage
Temperature R ange
TJ, TS TG
-55 to 175
C
a
a
a
b
60
15
20
16
30
25 C
70 C
Ta= 25 C
Ta=70 C
35
10.7
A
Limit
1
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Case
Thermal R esistance, Junction-to-Ambient
R JC
3
50
R JA
/W
C
/W
C
AB S OLUTE MAXIMUM R ATINGS
(TA=25 C unles s otherwis e noted)


Similar Part No. - STU600S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
STU6010 EIC-STU6010 Datasheet
28Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STU6010 EIC-STU6010 Datasheet
61Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STU6011 EIC-STU6011 Datasheet
28Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STU6011 EIC-STU6011 Datasheet
61Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STU6012 EIC-STU6012 Datasheet
28Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - STU600S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM9410 SAMHOP-SDM9410 Datasheet
420Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDU9916 SAMHOP-SDU9916 Datasheet
424Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
STU4525NL SAMHOP-STU4525NL Datasheet
889Kb / 8P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDM4410 SAMHOP-SDM4410_09 Datasheet
131Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDM4410 SAMHOP-SDM4410 Datasheet
386Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
STM4884A SAMHOP-STM4884A Datasheet
697Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDM40N02 SAMHOP-SDM40N02 Datasheet
664Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDM4884 SAMHOP-SDM4884 Datasheet
690Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
STU9410 SAMHOP-STU9410 Datasheet
817Kb / 8P
   N-Channel E nhancement Mode F ield E ffect Transistor
STM7822 SAMHOP-STM7822 Datasheet
680Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com