Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY39 Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # CY39
Description  Crystals
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

CY39 Datasheet(HTML) 1 Page - Pletronics, Inc.

  CY39 Datasheet HTML 1Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CY39, CY310 Crystals
Cylindrical Crystals in MHz and kHz Range
Available in 2 Sizes and Frequency Ranges,
Standard Specifications
Calibration Frequency Tolerance at 25 C
± 50 PPM is standard, tighter tolerances available
Operating Temperature Range (OTR)
0 to +70°C is standard, but can be extended to -40 to +85°C
Frequency Stability (FS) over OTR
± 50 PPM is standard, tighter tolerances available
Drive Level
100 mW is standard, customer may specify
Aging at 25°C
± 5 PPM per year is standard, customer may specify ± 1 PPM
Shunt Capacitance
7 pF maximum
Oscillation
Maximum
Frequency Range
3.500 – 3.999
Fundamental
AT Cut
200
4.000 – 5.999
150
3rd Overtone
AT Cut
Part Numbering Guide
Model (Size)
Frequency in MHz or kHz
Temperature Range
CY39 E - xx - 70.0M - XXX (Internal Code or blank)
Consult factory for available frequencies and specs.
Blank: 0 to +70°C
E: - 40 to +85°C
Consult factory for lower ESR
°
Load Capacitance
(425) 776 -1880, Fax: (425) 776-2760, ple-sales@pletronics.com, www.pletronics.com
42
Pl tronics, Inc.
Mechanical: inches (mm)
not to scale
Mode
(MHz)
ESR (Ohms)
Not all options available for all frequencies. A special part number may be assigned.
ESR Values
3.500 MHz 70.000 MHz
Parallel Resonance in pF (³ 10 pF)
SR = Series Resonance
6.000 – 9.999
100
10.000 – 30.000
50
30.001 – 35.999
100
July 2002
CY39: 3x9mm
CY310: 3x10mm
Due to part size and factory abilities, part marking may vary from lot to lot and may contain our part number or an internal code.
36.000 – 70.000
80
.394 (10.0)
DIA .013 (.32)
.04 (1.1)
.13 (3.2)
CY39 = .354 (9.0) MAX
CY310 = .413 (10.5) MAX
MAX
Frequency Range
CY310: 3.500 to 3.999 MHz, CY39: 30 to 150 kHz and 4.000 to 70.000 MHz
CY39: 3x9mm, CY310: 3x10mm
30 kHz 150 kHz
Pl tronics, Inc.
19013 36th Ave. W, Suite H Lynnwood, WA 98036 USA
Manufacturer of High Quality Frequency Control Products
.
Portions of the part number that appear after the frequency may not be marked on part
(C of C provided)
30 – 150 kHz
50k
Packaging
Bulk


Similar Part No. - CY39

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY3900I CYPRESS-CY3900I Datasheet
125Kb / 4P
   Delta39K⁄Ultra37000 ISR Programming Kits
CY3900I CYPRESS-CY3900I Datasheet
160Kb / 4P
   Delta39K??#8260;Ultra37000??ISR??Programming Kits
CY3900I CYPRESS-CY3900I_05 Datasheet
160Kb / 4P
   Delta39K??#8260;Ultra37000??ISR??Programming Kits
CY3950I CYPRESS-CY3950I Datasheet
125Kb / 4P
   Delta39K⁄Ultra37000 ISR Programming Kits
CY3950I CYPRESS-CY3950I Datasheet
160Kb / 4P
   Delta39K??#8260;Ultra37000??ISR??Programming Kits
More results

Similar Description - CY39

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
ATS12 MTRONPTI-ATS12 Datasheet
284Kb / 2P
   Crystals
logo
EUROQUARTZ limited
X22 EUROQUARTZ-X22 Datasheet
95Kb / 1P
   CRYSTALS
logo
MTRONPTI
ATS-49 MTRONPTI-ATS-49 Datasheet
271Kb / 1P
   Crystals
ATS-1 MTRONPTI-ATS-1_07 Datasheet
314Kb / 2P
   Crystals
CIM MTRONPTI-CIM Datasheet
236Kb / 1P
   Crystals
ATS49MP1 MTRONPTI-ATS49MP1 Datasheet
262Kb / 2P
   Crystals
logo
EUROQUARTZ limited
95SMX EUROQUARTZ-95SMX Datasheet
133Kb / 1P
   CRYSTALS
FC EUROQUARTZ-FC Datasheet
126Kb / 1P
   CRYSTALS
AG EUROQUARTZ-AG Datasheet
138Kb / 1P
   CRYSTALS
logo
MTRONPTI
MIL-PRF-3098 MTRONPTI-MIL-PRF-3098 Datasheet
302Kb / 2P
   QPL Crystals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com