Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD5T Datasheet(PDF) 7 Page - Pletronics, Inc.

Part # FD5T
Description  Programmable CMOS Clock Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD5T Datasheet(HTML) 7 Page - Pletronics, Inc.

Back Button FD5T Datasheet HTML 3Page - Pletronics, Inc. FD5T Datasheet HTML 4Page - Pletronics, Inc. FD5T Datasheet HTML 5Page - Pletronics, Inc. FD5T Datasheet HTML 6Page - Pletronics, Inc. FD5T Datasheet HTML 7Page - Pletronics, Inc. FD5T Datasheet HTML 8Page - Pletronics, Inc. FD5T Datasheet HTML 9Page - Pletronics, Inc. FD5T Datasheet HTML 10Page - Pletronics, Inc. FD5T Datasheet HTML 11Page - Pletronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FD5T Series Programmable
CMOS Clock Oscillator
November 2008
Item
Min
Max
Unit
Condition
www.pletronics.com
425-776-1880
7
VCXO Function
Vcontrol Input Range Usable
0.5
V
DD - 0.5V
V
The slope is positive
Vcontrol Input Range Allowed
- Direct connect to Vcontrol
- Limit current to
+
_ 3mA
0.0
-1.0
V
DD
4.0
V
The slope is positive
Recommend >=1K ohm to Vcontrol
Pull Ability specified in the P.N.
Linearity
-10
+10
%
(1) 10,000 cycles
(2) Jitter depends on the device configuration.
Data is taken under the following conditions: 1-PLL; 27MHz Crystal, (measured at Out3).
Frequency Tolerance:
For the FD5115T and the FD5110T devices, Pletronics recommends that the tight
tolerance be required on the PLL outputs only. In this case the reference frequency
output would only achieve ±25ppm tolerance. This will reduce the cost of the device.


Similar Part No. - FD5T

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FD5-10 TRIAD-FD5-10 Datasheet
217Kb / 3P
   Power Transformer Chassis Mount Quick Pack
FD5-10 TRIAD-FD5-10_13 Datasheet
49Kb / 1P
   Chassis Mount: Quick Pack
FD5-12 TRIAD-FD5-12 Datasheet
217Kb / 3P
   Power Transformer Chassis Mount Quick Pack
FD5-120 TRIAD-FD5-120 Datasheet
49Kb / 1P
   Chassis Mount: Quick Pack
FD5-12 TRIAD-FD5-12_13 Datasheet
49Kb / 1P
   Chassis Mount: Quick Pack
More results

Similar Description - FD5T

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-6SP QUARTZCOM-MCO-6SP Datasheet
119Kb / 1P
   SMD Clock Oscillator Programmable Output signal CMOS
logo
ECS, Inc.
ECS-UPO-8PINX ECS-ECS-UPO-8PINX Datasheet
434Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143X ECS-ECS-P143X Datasheet
177Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P83 ECS-ECS-P83 Datasheet
174Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143 ECS-ECS-P143 Datasheet
173Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P83X ECS-ECS-P83X Datasheet
177Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD51XXT PLETRONICS-FD51XXT Datasheet
134Kb / 11P
   CMOS Clock Oscillator
logo
ECS, Inc.
ECS-P53 ECS-ECS-P53 Datasheet
190Kb / 1P
   PROGRAMMABLE SMD CLOCK OSCILLATOR
ECS-P73 ECS-ECS-P73 Datasheet
115Kb / 1P
   PROGRAMMABLE SMD CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com