Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD5144TL-32.768K-T250 Datasheet(PDF) 7 Page - Pletronics, Inc.

Part # FD5144TL-32.768K-T250
Description  CMOS Clock Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD5144TL-32.768K-T250 Datasheet(HTML) 7 Page - Pletronics, Inc.

Back Button FD5144TL-32.768K-T250 Datasheet HTML 3Page - Pletronics, Inc. FD5144TL-32.768K-T250 Datasheet HTML 4Page - Pletronics, Inc. FD5144TL-32.768K-T250 Datasheet HTML 5Page - Pletronics, Inc. FD5144TL-32.768K-T250 Datasheet HTML 6Page - Pletronics, Inc. FD5144TL-32.768K-T250 Datasheet HTML 7Page - Pletronics, Inc. FD5144TL-32.768K-T250 Datasheet HTML 8Page - Pletronics, Inc. FD5144TL-32.768K-T250 Datasheet HTML 9Page - Pletronics, Inc. FD5144TL-32.768K-T250 Datasheet HTML 10Page - Pletronics, Inc. FD5144TL-32.768K-T250 Datasheet HTML 11Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
FD51xxT-32.768KHz
CMOS Clock Oscillator
March 2009
Item
Min
Max
Unit
Condition
www.pletronics.com
425-776-1880
7
Output Symmetry
45
55
%
at 50% point of V
DDOUT
I
DD
(no PLL enabled)
--
2.5
mA
I
DD
(PLL enabled)
--
9
mA
SS option or 15ppm or 10 ppm stability
I
DDOUT
--
3
uA
10pF Load
Peak-to-Peak Jitter
(1)
--
10
pS
(No SS and PLL disabled)
VCXO Function
Vcontrol Input Range Usable
0.5
V
DD - 0.5V
V
The slope is positive
Vcontrol Input Range Allowed
- Direct connect to Vcontrol
- Limit current to
+
_ 3mA
0.0
-1.0
V
DD
4.0
V
The slope is positive
Recommend >=1K ohm to Vcontrol
Pull Ability specified in the P.N.
--
--
Linearity
-10
+10
%
(1) 10,000 cycles


Similar Part No. - FD5144TL-32.768K-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
FD5144TL-25.0M-PLE PLETRONICS-FD5144TL-25.0M-PLE Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5144TL-25.0M-PLE-1K PLETRONICS-FD5144TL-25.0M-PLE-1K Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5144TL-25.0M-PLE-T250 PLETRONICS-FD5144TL-25.0M-PLE-T250 Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5144TL-25.0M-PLE-T500 PLETRONICS-FD5144TL-25.0M-PLE-T500 Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
More results

Similar Description - FD5144TL-32.768K-T250

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
   CMOS/TTL CLOCK-OSCILLATOR
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD5T PLETRONICS-FD5T Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD7T PLETRONICS-FD7T Datasheet
296Kb / 19P
   Multi-Output CMOS Clock Oscillator
logo
ECS, Inc.
ECS-300C ECS-ECS-300C Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
ECS-300CX ECS-ECS-300CX Datasheet
157Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-300C ETC1-ECS-300C Datasheet
135Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
Abracon Corporation
ASE-12.000MHZ-LC-T ABRACON-ASE-12.000MHZ-LC-T Datasheet
931Kb / 2P
   3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com