Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCO-104TC Datasheet(PDF) 1 Page - SIRENZA MICRODEVICES

Part # VCO-104TC
Description  VCO Product Specification
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

VCO-104TC Datasheet(HTML) 1 Page - SIRENZA MICRODEVICES

  VCO-104TC Datasheet HTML 1Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VCO Product Specification
Model:
VCO-104TC
Rev: -
Date: 7/31/2002
Customer: SIRENZA MICRODEVICES, INC.
Operating Temperature Range:
( -55 ° to 100 ° C)
Parameter
Min
Typ
Max
Units
X
Remarks
Frequency Range -
100
200
MHz
X
Tuning Voltage:
100 MHz
0
1.4
Vdc
X
200 MHz
16.8
20
Vdc
X
Tuning Sensitivity:
100 MHz
4.8
6.4
8
MHz/V
X
125 MHz
5.3
7.1
8.9
MHz/V
X
150 MHz
5.6
7.5
9.4
MHz/V
X
175 MHz
5.7
7.6
9.5
MHz/V
X
200 MHz
2.4
3.2
4.4
MHz/V
X
Output Power -
10
12.5
16
dBm
X
Output Phase Noise:
10 kHz
-99
-93
dBc/Hz
X
100 kHz
-122
-116
dBc/Hz
X
1000 kHz
-144
-138
dBc/Hz
X
Power Supply -
14.75
15
15.25
Volts
X
Supply Current -
12.5
15
mA
X
Harmonic Suppression:
2nd Harmonic
-12
-10
dBc
X
3rd Harmonic
-12
-10
dBc
X
Spurious (Non-Harmonic) -
-80
dBc
Frequency Pushing - 14.75-
15.25 V
0.3
1
MHz p-p
Frequency Pulling - 12 dB Rl
3
6
MHz p-p
Output Impedance -
50
Modulation:
Bandwidth
250
350
kHz
Input Impedance
0.05
k
Package Information
Package Type:
TO-8 (Cir)
Drawing Number:
A8678
Dimensions:
0.504 x 0.504 x 0.27 inches
Drawing Revision:
P
Comments
X Indicates parameter to be tested 100% in production
Performance tests and ratings for Sirenza Microdevices’ products were performed internally by Sirenza and measured using specific computer systems
and/or components and reflect the approximate performance of the the products as measured by those tests. Any difference in circuit implementation, test
software, or test equipment may affect actual performance. The information provided herein is believed to be reliable at press time and Sirenza
Microdevices assumes no responsibility for the use of this information. All such use shall be entirely at the user’s own risk. Prices and specifications for
Sirenza Microdevices’ products are subject to change without notice. Buyers should consult Sirenza Microdevices’ standard terms and conditions of sale
for Sirenza’s limited warranty with regard to its products. These products may be patented or include patented technology. No patent rights or licenses to
any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any product for use in
life-support devices and/or systems.
Page 1 of 1
Sirenza Microdevices, Inc.
303 S. Technology Ct.
Broomfield, CO 80021
tel 303.327.3030
fax 303.410.7988


Similar Part No. - VCO-104TC

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
VCO-102TC SIRENZA-VCO-102TC Datasheet
281Kb / 1P
   VCO Product Specification
VCO-103TC SIRENZA-VCO-103TC Datasheet
281Kb / 1P
   VCO Product Specification
VCO-105TC SIRENZA-VCO-105TC Datasheet
281Kb / 1P
   VCO Product Specification
VCO-106TC SIRENZA-VCO-106TC Datasheet
281Kb / 1P
   VCO Product Specification
VCO-107TC SIRENZA-VCO-107TC Datasheet
281Kb / 1P
   VCO Product Specification
More results

Similar Description - VCO-104TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCO190-450AT ETC-VCO190-450AT Datasheet
262Kb / 1P
   VCO Product Specification
logo
SIRENZA MICRODEVICES
VCO190-112T SIRENZA-VCO190-112T Datasheet
149Kb / 1P
   VCO Product Specification
VCO190-836MT SIRENZA-VCO190-836MT Datasheet
273Kb / 1P
   VCO Product Specification
VCO190-880T SIRENZA-VCO190-880T Datasheet
149Kb / 1P
   VCO Product Specification
VCO190-940T SIRENZA-VCO190-940T Datasheet
147Kb / 1P
   VCO Product Specification
VCO191-888U SIRENZA-VCO191-888U Datasheet
149Kb / 1P
   VCO Product Specification
VCO191-938U SIRENZA-VCO191-938U Datasheet
149Kb / 1P
   VCO Product Specification
VCO191-947U SIRENZA-VCO191-947U Datasheet
149Kb / 1P
   VCO Product Specification
VCO191-967X SIRENZA-VCO191-967X Datasheet
148Kb / 1P
   VCO Product Specification
VCO190-1007U SIRENZA-VCO190-1007U Datasheet
148Kb / 1P
   VCO Product Specification
VCO190-1100T SIRENZA-VCO190-1100T Datasheet
149Kb / 1P
   VCO Product Specification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com