Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD5199TL-32.768K-T250 Datasheet(PDF) 9 Page - Pletronics, Inc.

Part # FD5199TL-32.768K-T250
Description  CMOS Clock Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD5199TL-32.768K-T250 Datasheet(HTML) 9 Page - Pletronics, Inc.

Back Button FD5199TL-32.768K-T250 Datasheet HTML 3Page - Pletronics, Inc. FD5199TL-32.768K-T250 Datasheet HTML 4Page - Pletronics, Inc. FD5199TL-32.768K-T250 Datasheet HTML 5Page - Pletronics, Inc. FD5199TL-32.768K-T250 Datasheet HTML 6Page - Pletronics, Inc. FD5199TL-32.768K-T250 Datasheet HTML 7Page - Pletronics, Inc. FD5199TL-32.768K-T250 Datasheet HTML 8Page - Pletronics, Inc. FD5199TL-32.768K-T250 Datasheet HTML 9Page - Pletronics, Inc. FD5199TL-32.768K-T250 Datasheet HTML 10Page - Pletronics, Inc. FD5199TL-32.768K-T250 Datasheet HTML 11Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
FD51xxT-32.768KHz
CMOS Clock Oscillator
March 2009
www.pletronics.com
425-776-1880
9
3
4
1
2
6
5
Mechanical:
Inches
mm
A
0.197 +
_0.006
5.00 +
_0.15
B
0.125 +
_0.006
3.20 +
_0.15
C
0.053 max
1.35 max
D
1
0.050
1.27
E
1
0.050
1.27
F
1
0.004
0.10
G
1
0.039
1.00
H
1
0.025
0.63
Contacts
:
Gold 11.8 µinches
0.3 µm minimum over
Nickel 50 to 350 µinches
1.27 to 8.89 µm
1 Typical dimensions
Not to Scale
I
1
0.020
0.50
J
1
0.004R
0.10R
K
1
0.008R
0.20R
Pad Functions:
Pad
Function
Note
1
S1/SDA
Serial Data Clock (optional V control - VCXO)
S2
Input to select 1 of 4
preprogrammed functions of
the outputs (optional)
2
S2/SCL
Serial Data
S1
3
Ground (GND)
4
Out (Y3)
Crystal reference frequency divided by 1 through 1023
PLL1 frequency divided by 1 through 1023
5V
DD
1.8V, powers internal circuitry of the oscillator. Bypass capacitor required near the
package pin.
6V
DDOUT
1.8V, 2.5V or 3.3V supply for the output buffers. Sets CMOS output level. Bypass
capacitor required near the package pin.
All unused inputs should be pulled high.


Similar Part No. - FD5199TL-32.768K-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
FD5199TL-25.0M-PLE PLETRONICS-FD5199TL-25.0M-PLE Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5199TL-25.0M-PLE-1K PLETRONICS-FD5199TL-25.0M-PLE-1K Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5199TL-25.0M-PLE-T250 PLETRONICS-FD5199TL-25.0M-PLE-T250 Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5199TL-25.0M-PLE-T500 PLETRONICS-FD5199TL-25.0M-PLE-T500 Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
More results

Similar Description - FD5199TL-32.768K-T250

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
   CMOS/TTL CLOCK-OSCILLATOR
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD5T PLETRONICS-FD5T Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD7T PLETRONICS-FD7T Datasheet
296Kb / 19P
   Multi-Output CMOS Clock Oscillator
logo
ECS, Inc.
ECS-300C ECS-ECS-300C Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
ECS-300CX ECS-ECS-300CX Datasheet
157Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-300C ETC1-ECS-300C Datasheet
135Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
Abracon Corporation
ASE-12.000MHZ-LC-T ABRACON-ASE-12.000MHZ-LC-T Datasheet
931Kb / 2P
   3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com