Electronic Components Datasheet Search |
|
FD5115T-25.0M-PLE-T250 Datasheet(PDF) 11 Page - Pletronics, Inc. |
|
FD5115T-25.0M-PLE-T250 Datasheet(HTML) 11 Page - Pletronics, Inc. |
11 / 12 page FD5T Series Programmable CMOS Clock Oscillator November 2008 www.pletronics.com 425-776-1880 11 260°C Maximum 10 Seconds Maximum 215°C±10°C Approximately 50 Seconds Allowed rate of temperature change Maximum 4°C per second 120 to 160 Seconds 100 150 200 250 175°C±10°C Reflow Cycle (typical for lead free-processing) The part may be reflowed 2 times without degradation. Tape and Reel: available for quantities of 250 to 1000 per reel, cut tape for < 250 Constant Dimensions Table 1 Tape Size D0 D1 Min E1 P0 P2 S1 Min T Max T1 Max 8mm 1.5 +0.1 -0.0 1.0 1.75 + _0.1 4.0 + _0.1 2.0 + _0.05 0.6 0.6 0.1 12mm 1.5 16mm 1.5 2.0 + _0.1 24mm 1.5 Variable Dimensions Table 2 Tape Size B1 Max E2 Min F P1 T2 Max W Max Ao, Bo & Ko 16 mm 12.1 14.25 7.5 + _0.1 8.0 + _0.1 8.0 16.3 Note 1 Note 1: Embossed cavity to conform to EIA-481-B Not to scale REEL DIMENSIONS A inches 7.0 10.0 13.0 mm 177.8 254.0 330.2 B inches 2.50 4.00 3.75 mm 63.5 101.6 95.3 Tape Width C mm 13.0 +0.5 / -0.2 D mm 16.4 +2.0 -0.0 16.4 +2.0 -0.0 16.4 +2.0 -0.0 16.0 Reel dimensions may vary from the above |
Similar Part No. - FD5115T-25.0M-PLE-T250 |
|
Similar Description - FD5115T-25.0M-PLE-T250 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |