Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN412ETTE1002J25 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RN412ETTE1002J25
Description  Surface Mount Coat-insulated Fixed Metal Film Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RN412ETTE1002J25 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RN412ETTE1002J25 Datasheet HTML 1Page - KOA Speer Electronics, Inc. RN412ETTE1002J25 Datasheet HTML 2Page - KOA Speer Electronics, Inc. RN412ETTE1002J25 Datasheet HTML 3Page - KOA Speer Electronics, Inc. RN412ETTE1002J25 Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 2 OF 4
KOA SPEER ELECTRONICS, INC.
SS-197 R5
4. Applications and Ratings
*1) Please contact KOA Speers for further information.
Absolute
Maximum
Working
Voltage
RN412A
RN412B
RN412D
RN412E
RN412H
RM412D
RM412H
Part
Designation
Absolute
Maximum
Overload
Voltage
Operating
Temperature
Range
Power
Rating
@ 70°C
T.C.R.
(ppm/°C)
Max.
1/8W (.125W)
1/5W (.2W)
1/4W (.25W)
1/2W (.5W)
1/5W (.2W)
1/2W (.5W)
±100
±50
±200
±350
E-24
(J±5%)
E-24, E-96
(F±1%)
200V
300V
150V
0.22Ω-100KΩ
100Ω-100KΩ
10Ω-604KΩ
10Ω-1.0MΩ
0.22Ω-8.2Ω
(E-12)
200V
500V
600V
-55°C
to
+155°C
PxR
PxRx6.25
E-24, E-96
(C±0.25%)
100Ω-100KΩ
E-24, E-96
(D±0.5%)
1/8W (.125W)
±50
±25
——
100Ω-604KΩ
±50
±25
100Ω-100KΩ
100Ω-1MΩ
RN412ES
1/4W (.25W)
1Ω-5.1MΩ
——
±50
±25
100Ω-100KΩ 100Ω-604KΩ
±350
——
0.22Ω-0.91Ω
250V
400V
250V
Resistance Range
(B±0.1%)
10KΩ-100KΩ
RN413AS
1W
1Ω-1MΩ
——
±50
0.22Ω-0.91Ω
600V
3. Type Designation (continued)
The type designation shall be the following form:
Size
Tolerance
Nominal
Resistance
2D: 1206
2H: 2309
J = ±5%
±5%:
2 significant figures
+ 1 multiplier. “R”
indicates decimal
on values <10Ω
2D
J
1R0
Packaging
TE: 7" Embossed
Plastic
(2D - 2,000 pcs/reel)
(2H - 1,500 pcs/reel)
TE
Termination
Material
T: Sn
(Other termination
styles may be
available, please
contact factory
for options)
T
RM41
Dielectric
New Type
RM41
SS-197 R5
6/7/07
5:15 PM
Page 2


Similar Part No. - RN412ETTE1002J25

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN412ETTE1002J25 KOA-RN412ETTE1002J25 Datasheet
99Kb / 2P
   fixed metal film melf resistors
More results

Similar Description - RN412ETTE1002J25

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
E011202 HOKURIKU-E011202 Datasheet
36Kb / 1P
   Miniature Paint Insulated Metal Film Fixed Resistors
E011201 HOKURIKU-E011201 Datasheet
70Kb / 2P
   High Stability Insulated Metal Film Fixed Resistors
logo
KOA Speer Electronics, ...
CW1PCT26 KOA-CW1PCT26 Datasheet
98Kb / 2P
   coat insulated, precision coat insulated miniature wirewound leaded resistors
RF26B2ETTA100J KOA-RF26B2ETTA100J Datasheet
434Kb / 2P
   coat-insulated fusing resistors
logo
HOKURIKU ELECTRIC INDUS...
E011300 HOKURIKU-E011300 Datasheet
82Kb / 2P
   Miniature Paint Insulated Metal Oxide Film Fixed Resistors
logo
RFE international
LRT RFE-LRT Datasheet
795Kb / 8P
   SURFACE MOUNT METAL FILM RESISTORS
2022.04.20
logo
ABCO ELECTRONICS CO.LTD
MR18W ABCO-MR18W Datasheet
564Kb / 1P
   FIXED METAL FILM RESISTORS
logo
KOA Speer Electronics, ...
CW12PCT52A103F KOA-CW12PCT52A103F Datasheet
319Kb / 3P
   coat insulated, precision coat insulated and miniature wirewound leaded resistors
CW1HCT52 KOA-CW1HCT52 Datasheet
89Kb / 2P
   coat insulated miniature wirewound resistors
logo
Vishay Siliconix
WSF VISHAY-WSF_15 Datasheet
84Kb / 3P
   Metal Film Resistors, Power, Surface Mount
Revision: 06-Nov-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com