Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD5145T-32.768K-T500 Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # FD5145T-32.768K-T500
Description  CMOS Clock Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD5145T-32.768K-T500 Datasheet(HTML) 4 Page - Pletronics, Inc.

  FD5145T-32.768K-T500 Datasheet HTML 1Page - Pletronics, Inc. FD5145T-32.768K-T500 Datasheet HTML 2Page - Pletronics, Inc. FD5145T-32.768K-T500 Datasheet HTML 3Page - Pletronics, Inc. FD5145T-32.768K-T500 Datasheet HTML 4Page - Pletronics, Inc. FD5145T-32.768K-T500 Datasheet HTML 5Page - Pletronics, Inc. FD5145T-32.768K-T500 Datasheet HTML 6Page - Pletronics, Inc. FD5145T-32.768K-T500 Datasheet HTML 7Page - Pletronics, Inc. FD5145T-32.768K-T500 Datasheet HTML 8Page - Pletronics, Inc. FD5145T-32.768K-T500 Datasheet HTML 9Page - Pletronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FD51xxT-32.768KHz
CMOS Clock Oscillator
March 2009
www.pletronics.com
425-776-1880
4
PART NUMBER:
FD5 1 45 T L E -32.768K -YYY
Packaging code or blank
T250 = 250 per Tape and Reel
T500 = 500 per Tape and Reel
T1K = 1000 per Tape and Reel
Output Frequency - 32.768KHz
Optional Enhanced Operating temperature Range
Blank = Temp. range -20
oC to +70oC
E = Temp. range -40
oC to +85oC
Blank = V
DDOUT 3.3V, 2.5V and 1.8V device
L = V
DDOUT 1.8V only - high output drive level device
Series Model
Frequency Stability for fixed frequency oscillator
45 = +
_ 50 ppm
15 = +
_ 15 ppm
1
44 = +
_ 25 ppm
10 = +
_ 10 ppm
1
20 = +
_ 20 ppm
Frequency Pull Ability for VCXO option enabled
99 = +
_ 100 ppm Absolute Pull Range (APR)
75 = +
_ 25 ppm Absolute Pull Range (APR)
50 = +
_ 50 ppm Absolute Pull Range (APR)
1 = 1 output
1 PLL version
Series Model
1In these cases the PLL will be enabled and the power dissipation will be higher.
Part Marking:
PLE FD51
Marking Legend:
PLE = Pletronics
32.768K
YMD
=
Date of Manufacture (year-month-day)
YMD
All other marking is internal factory codes
Codes for Date Code YMD
Code
89012
Code
AB
C
D
E
F
G
H
J
K
L
M
Year 2008 2009 2010 2011 2012 Month JAN FEB MAR APR MAY JUN JUL AUG SEP OCT NOV DEC
Code
123456789
A
B
C
D
E
F
G
Day
123456789
10
11
12
13
14
15
16
Code
H
J
K
L
M
N
P
R
T
U
V
W
X
Y
Z
Day
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31


Similar Part No. - FD5145T-32.768K-T500

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
FD5145T-25.0M-PLE PLETRONICS-FD5145T-25.0M-PLE Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5145T-25.0M-PLE-1K PLETRONICS-FD5145T-25.0M-PLE-1K Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5145T-25.0M-PLE-T250 PLETRONICS-FD5145T-25.0M-PLE-T250 Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5145T-25.0M-PLE-T500 PLETRONICS-FD5145T-25.0M-PLE-T500 Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
More results

Similar Description - FD5145T-32.768K-T500

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
   CMOS/TTL CLOCK-OSCILLATOR
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD5T PLETRONICS-FD5T Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD7T PLETRONICS-FD7T Datasheet
296Kb / 19P
   Multi-Output CMOS Clock Oscillator
logo
ECS, Inc.
ECS-300C ECS-ECS-300C Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
ECS-300CX ECS-ECS-300CX Datasheet
157Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-300C ETC1-ECS-300C Datasheet
135Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
Abracon Corporation
ASE-12.000MHZ-LC-T ABRACON-ASE-12.000MHZ-LC-T Datasheet
931Kb / 2P
   3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com