Electronic Components Datasheet Search |
|
FD5145T-32.768K-T500 Datasheet(PDF) 1 Page - Pletronics, Inc. |
|
FD5145T-32.768K-T500 Datasheet(HTML) 1 Page - Pletronics, Inc. |
1 / 11 page Product information is current as of publication date. The product conforms Copyright © 2009, Pletronics Inc. to specifications per the terms of the Pletronics standard warranty. Production processsing does not necessarily include testing of all parameters. Reference oscillator optional Voltage controlled - Programming control - eePROM - SDA/SCL Registers - Sx Control S2/SCL (1) S1/SDA (2) (4) Out Y1 PLL Multiplier #1 optional Spread Spectrum optional Bypass Mode MUX #1 Divider #1 /1 to /1023 Vddout (6) Vdd 1.8V (5) Ground (3) Optional Vcontrol FD5T Series FD51xxT-32.768KHz CMOS Clock Oscillator March 2009 • Pletronics’ FD51T Series is a quartz crystal controlled precision square wave generator • Output frequency 32.768KHz • Selectable low jitter or spread spectrum output. • Device characteristics may be either factory or field programmable • Tape and Reel or cut tape packaging is available • • 3.2 x 5 mm LCC Ceramic Package • Stability is much better than an XY cut watch crystal • Very fast Start-up time, <10mS • Low power • 1.8V, 2.5 or 3.3V LVCMOS outputs • Designed for high density SMD needs Pletronics Inc. certifies this device is in accordance with the RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives. Pletronics Inc. guarantees the device does not contain the following: Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s Weight of the Device: 0.09 grams Moisture Sensitivity Level: 1 As defined in J-STD-020C Second Level Interconnect code: e4 Absolute Maximum Ratings: Parameter Unit V DD -0.5V to +2.5V V DDOUT -0.5V to +4.6V Vi Input Voltage -0.5V to V DD+ 0.5V Vo Output Voltage -0.5V to V DDOUT + 0.5V Io Continuous Output Current + _ 50 mA Tj Maximum Junction Temperature 125 oC Thermal Resistance, Junction to Case 50 oC/Watt |
Similar Part No. - FD5145T-32.768K-T500 |
|
Similar Description - FD5145T-32.768K-T500 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |