Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD5144T-32.768K-T500 Datasheet(PDF) 10 Page - Pletronics, Inc.

Part # FD5144T-32.768K-T500
Description  CMOS Clock Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD5144T-32.768K-T500 Datasheet(HTML) 10 Page - Pletronics, Inc.

Back Button FD5144T-32.768K-T500 Datasheet HTML 3Page - Pletronics, Inc. FD5144T-32.768K-T500 Datasheet HTML 4Page - Pletronics, Inc. FD5144T-32.768K-T500 Datasheet HTML 5Page - Pletronics, Inc. FD5144T-32.768K-T500 Datasheet HTML 6Page - Pletronics, Inc. FD5144T-32.768K-T500 Datasheet HTML 7Page - Pletronics, Inc. FD5144T-32.768K-T500 Datasheet HTML 8Page - Pletronics, Inc. FD5144T-32.768K-T500 Datasheet HTML 9Page - Pletronics, Inc. FD5144T-32.768K-T500 Datasheet HTML 10Page - Pletronics, Inc. FD5144T-32.768K-T500 Datasheet HTML 11Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
FD51xxT-32.768KHz
CMOS Clock Oscillator
March 2009
www.pletronics.com
425-776-1880
10
260°C Maximum
10 Seconds Maximum
215°C±10°C
Approximately 50 Seconds
Allowed rate of temperature change
Maximum 4°C per second
120 to 160 Seconds
100
150
200
250
175°C±10°C
Reflow Cycle (typical for lead free-processing)
The part may be reflowed 2 times without degradation.
Tape and Reel: available for quantities of 250 to 1000 per reel, cut tape for < 250
Constant Dimensions Table 1
Tape
Size
D0
D1
Min
E1
P0
P2
S1
Min
T
Max
T1
Max
8mm
1.5
+0.1
-0.0
1.0
1.75
+
_0.1
4.0
+
_0.1
2.0
+
_0.05
0.6
0.6
0.1
12mm
1.5
16mm
1.5
2.0
+
_0.1
24mm
1.5
Variable Dimensions Table 2
Tape
Size
B1
Max
E2 Min
F
P1
T2
Max
W
Max
Ao, Bo &
Ko
16 mm
12.1
14.25
7.5 +
_0.1
8.0 +
_0.1
8.0
16.3
Note 1
Note 1: Embossed cavity to conform to EIA-481-B
Not to scale
REEL DIMENSIONS
A
inches
7.0
10.0
13.0
mm
177.8
254.0
330.2
B
inches
2.50
4.00
3.75
mm
63.5
101.6
95.3
Tape
Width
C
mm
13.0 +0.5 / -0.2
D
mm
16.4
+2.0
-0.0
16.4
+2.0
-0.0
16.4
+2.0
-0.0
16.0
Reel dimensions may vary from the above


Similar Part No. - FD5144T-32.768K-T500

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
FD5144T-25.0M-PLE PLETRONICS-FD5144T-25.0M-PLE Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5144T-25.0M-PLE-1K PLETRONICS-FD5144T-25.0M-PLE-1K Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5144T-25.0M-PLE-T250 PLETRONICS-FD5144T-25.0M-PLE-T250 Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5144T-25.0M-PLE-T500 PLETRONICS-FD5144T-25.0M-PLE-T500 Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
More results

Similar Description - FD5144T-32.768K-T500

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
   CMOS/TTL CLOCK-OSCILLATOR
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD5T PLETRONICS-FD5T Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD7T PLETRONICS-FD7T Datasheet
296Kb / 19P
   Multi-Output CMOS Clock Oscillator
logo
ECS, Inc.
ECS-300C ECS-ECS-300C Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
ECS-300CX ECS-ECS-300CX Datasheet
157Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-300C ETC1-ECS-300C Datasheet
135Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
Abracon Corporation
ASE-12.000MHZ-LC-T ABRACON-ASE-12.000MHZ-LC-T Datasheet
931Kb / 2P
   3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com