Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD5110T-32.768K-T500 Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # FD5110T-32.768K-T500
Description  CMOS Clock Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD5110T-32.768K-T500 Datasheet(HTML) 1 Page - Pletronics, Inc.

  FD5110T-32.768K-T500 Datasheet HTML 1Page - Pletronics, Inc. FD5110T-32.768K-T500 Datasheet HTML 2Page - Pletronics, Inc. FD5110T-32.768K-T500 Datasheet HTML 3Page - Pletronics, Inc. FD5110T-32.768K-T500 Datasheet HTML 4Page - Pletronics, Inc. FD5110T-32.768K-T500 Datasheet HTML 5Page - Pletronics, Inc. FD5110T-32.768K-T500 Datasheet HTML 6Page - Pletronics, Inc. FD5110T-32.768K-T500 Datasheet HTML 7Page - Pletronics, Inc. FD5110T-32.768K-T500 Datasheet HTML 8Page - Pletronics, Inc. FD5110T-32.768K-T500 Datasheet HTML 9Page - Pletronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2009, Pletronics Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necessarily include testing of all parameters.
Reference
oscillator
optional
Voltage
controlled
- Programming
control
- eePROM
- SDA/SCL
Registers
- Sx Control
S2/SCL (1)
S1/SDA (2)
(4)
Out
Y1
PLL Multiplier #1
optional Spread Spectrum
optional Bypass Mode
MUX #1
Divider #1
/1 to /1023
Vddout
(6)
Vdd 1.8V (5)
Ground (3)
Optional
Vcontrol
FD5T Series
FD51xxT-32.768KHz
CMOS Clock Oscillator
March 2009
• Pletronics’ FD51T Series is a quartz crystal
controlled precision square wave generator
• Output frequency 32.768KHz
• Selectable low jitter or spread spectrum output.
• Device characteristics may be either factory or
field programmable
• Tape and Reel or cut tape packaging is available
• 3.2 x 5 mm LCC Ceramic Package
• Stability is much better than
an XY cut watch crystal
• Very fast Start-up time, <10mS
• Low power
• 1.8V, 2.5 or 3.3V LVCMOS outputs
• Designed for high density SMD needs
Pletronics Inc. certifies this device is in accordance with the
RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 0.09 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter
Unit
V
DD
-0.5V to +2.5V
V
DDOUT
-0.5V to +4.6V
Vi
Input Voltage
-0.5V to V
DD+ 0.5V
Vo
Output Voltage
-0.5V to V
DDOUT + 0.5V
Io
Continuous Output Current
+
_ 50 mA
Tj Maximum Junction Temperature
125
oC
Thermal Resistance, Junction to Case
50
oC/Watt


Similar Part No. - FD5110T-32.768K-T500

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
FD5110T-25.0M-PLE PLETRONICS-FD5110T-25.0M-PLE Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5110T-25.0M-PLE-1K PLETRONICS-FD5110T-25.0M-PLE-1K Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5110T-25.0M-PLE-T250 PLETRONICS-FD5110T-25.0M-PLE-T250 Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5110T-25.0M-PLE-T500 PLETRONICS-FD5110T-25.0M-PLE-T500 Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
More results

Similar Description - FD5110T-32.768K-T500

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
   CMOS/TTL CLOCK-OSCILLATOR
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD5T PLETRONICS-FD5T Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD7T PLETRONICS-FD7T Datasheet
296Kb / 19P
   Multi-Output CMOS Clock Oscillator
logo
ECS, Inc.
ECS-300C ECS-ECS-300C Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
ECS-300CX ECS-ECS-300CX Datasheet
157Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-300C ETC1-ECS-300C Datasheet
135Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
Abracon Corporation
ASE-12.000MHZ-LC-T ABRACON-ASE-12.000MHZ-LC-T Datasheet
931Kb / 2P
   3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com