Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR733ATTDD1R00F Datasheet(PDF) 7 Page - KOA Speer Electronics, Inc.

Part # SR733ATTDD1R00F
Description  Low Resistance Flat Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SR733ATTDD1R00F Datasheet(HTML) 7 Page - KOA Speer Electronics, Inc.

  SR733ATTDD1R00F Datasheet HTML 1Page - KOA Speer Electronics, Inc. SR733ATTDD1R00F Datasheet HTML 2Page - KOA Speer Electronics, Inc. SR733ATTDD1R00F Datasheet HTML 3Page - KOA Speer Electronics, Inc. SR733ATTDD1R00F Datasheet HTML 4Page - KOA Speer Electronics, Inc. SR733ATTDD1R00F Datasheet HTML 5Page - KOA Speer Electronics, Inc. SR733ATTDD1R00F Datasheet HTML 6Page - KOA Speer Electronics, Inc. SR733ATTDD1R00F Datasheet HTML 7Page - KOA Speer Electronics, Inc. SR733ATTDD1R00F Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 7 OF 8
KOA SPEER ELECTRONICS, INC.
SS-239 R4
10-2 Dimensions of
Punched Paper Tape
Type
Component Size (mm)
LW
T
Quantity/
Reel
(Pieces)
Taping (mm)
Reel
Size
A
B
WP1
T1
Carrier
Tape
1E
1
0.5
0.35
TP
10000
1.15±0.1
0.65±0.1
8.0±0.2
2±0.05
0.45+0.2/-0
178
TP
10000
1.9±0.1
1.1±0.1
8.0±0.2
2±0.05
0.6+0.2/-0
178
1J
1.6
0.8
0.45
TD
5000
1.9±0.1
1.1±0.08
8.0±0.2
4.0±0.1
0.6+0.2/-0
178
TDD
10000
1.9±0.1
1.1±0.1
8.0±0.2
4.0±0.1
0.6+0.2/-0
255
TP
10000
2.4±0.2
1.65±0.2
8.0±0.2
2±0.05
0.75+0.2/-0
178
TD
5000
2.4±0.2
1.65±0.2
8.0±0.2
4.0±0.1
0.75+0.2/-0
178
2A
2
1.25
0.5
TE
4000
2.4±0.2
1.6±0.2
8.0±0.2
4.0±0.1
0.9±0.1
178
TDD
10000
2.4±0.1
1.65±0.1
8.0±0.2
4.0±0.1
0.75+0.2/-0
255
TED
10000
2.4±0.2
1.45±0.15
8.0±0.2
4.0±0.1
0.65±0.1
255
TD
5000
3.5±0.2
2±0.2
8.0±0.2
4.0±0.1
0.75+0.2/-0
178
2B
3.2
1.6
0.6
TE
4000
3.5±0.2
1.9±0.2
8.0±0.2
4.0±0.1
1.0±0.1
178
TDD
10000
3.5±0.1
1.9±0.1
8.0±0.2
4.0±0.1
0.75+0.2/-0
255
TED
10000
3.5±0.1
1.9±0.2
8.0±0.2
4.0±0.1
1.0±0.1
255
TD
5000
3.5±0.2
2.85±0.2
8.0±0.2
4.0±0.1
0.75+0.2/-0
178
2E
3.2
2.6
0.6
TE
4000
3.5±0.2
2.85±0.2
8.0±0.2
4.0±0.1
1.0±0.15
178
TDD
10000
3.5±0.1
2.8±0.1
8.0±0.2
4.0±0.1
0.75+0.2/-0
255
TED
10000
3.6±0.15
2.9±0.15
8.0±0.2
4.0±0.1
1.0±0.1
255
2H
5
2.5
0.6
TE
4000
5.35±0.2
2.9±0.2
12.0±0.1
4.0±0.1
1.0±0.15
178
TED
10000
5.4±0.2
2.9±0.2
12.0±0.1
4.0±0.1
0.85±0.1
255
3A
6.3
3.1
0.6
TE
4000
6.65±0.2
3.44±0.2
12.0±0.1
4.0±0.1
1.0±0.15
178
TED
10000
6.9±0.2
3.6±0.2
12.0±0.1
4.0±0.1
0.85±0.1
255
SR73
(Notes) Dotted lines are applicable to only "TP" and "TB."
(TP)
Carrier Tape
T1
P1
B
1.5
+0.1
-0
P1
2.0 4.0
±0.1 Direction of feed
T1
T1
SS-239 R4
12/5/07
10:11 AM
Page 7


Similar Part No. - SR733ATTDD1R00F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SR733ATTDD1R00 KOA-SR733ATTDD1R00 Datasheet
98Kb / 2P
   lo-ohm 0.5%, 1%, 2%,5%tolerance thick film current sense resistor
More results

Similar Description - SR733ATTDD1R00F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBL62FTR020 ETC-RBL62FTR020 Datasheet
523Kb / 7P
   Low Resistance Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
logo
KOA Speer Electronics, ...
UR73V KOA-UR73V Datasheet
96Kb / 2P
   low resistance flat chip resistor
logo
Panasonic Semiconductor
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
logo
List of Unclassifed Man...
CC1512FC ETC2-CC1512FC Datasheet
173Kb / 2P
   Low Resistance Precision Chip Resistors
CD2015FC ETC2-CD2015FC Datasheet
137Kb / 2P
   Low Resistance Precision Chip Resistors
RLH12FTCR100 ETC-RLH12FTCR100 Datasheet
488Kb / 8P
   High Power Low Resistance Chip Resistors
logo
HOKURIKU ELECTRIC INDUS...
WLCR32-R10JV HOKURIKU-WLCR32-R10JV Datasheet
153Kb / 2P
   High Power Low Resistance Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTF4M0U PANASONIC-ERJ-M1WTF4M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
ERJ-M1WSF10MU PANASONIC-ERJ-M1WSF10MU Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com