Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3721EGN-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3721EGN-1
Description  Push-Pull PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3721EGN-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3721EGN-1 Datasheet HTML 6Page - Linear Technology LTC3721EGN-1 Datasheet HTML 7Page - Linear Technology LTC3721EGN-1 Datasheet HTML 8Page - Linear Technology LTC3721EGN-1 Datasheet HTML 9Page - Linear Technology LTC3721EGN-1 Datasheet HTML 10Page - Linear Technology LTC3721EGN-1 Datasheet HTML 11Page - Linear Technology LTC3721EGN-1 Datasheet HTML 12Page - Linear Technology LTC3721EGN-1 Datasheet HTML 13Page - Linear Technology LTC3721EGN-1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3721-1
10
sn37211 37211fs
OPERATIO
VCC should be bypassed with a 0.1µF to 1µF multilayer
ceramic capacitor to decouple the fast transient currents
demanded by the output drivers and a bulk tantalum or
electrolytic capacitor to hold up the VCC supply before the
bootstrap winding, or an auxiliary regulator circuit takes
over.
CHOLDUP = (ICC + IDRIVE) • tDELAY/3.8V
(minimum UVLO hysteresis)
Regulated bias supplies as low as 7V can be utilized to
provide bias to the LTC3721-1. Refer to Figure 2 for
various bias supply configurations.
Programming Undervoltage Lockout
The LTC3721-1 provides undervoltage lockout (UVLO)
control for the input DC voltage feed to the power con-
verter in addition to the VCCUVLO function described in the
preceding section. Input DC feed UVLO is provided with
the UVLO pin. A comparator on UVLO compares a divided
down input DC feed voltage to the 5V precision reference.
When the 5V level is exceeded on UVLO, the SS pin is
released and output switching commences. At the same
time a 10µA current is enabled which flows out of UVLO
into the voltage divider connected to UVLO. The amount of
DC feed hysteresis provided by this current is: 10µA •
RTOP, (Figure 3). The system UVLO threshold is: 5V •
{(RTOP + RBOTTOM)/RBOTTOM}. If the voltage applied to
UVLO is present and greater than 5V prior to the VCC UVLO
circuitry activation, then the internal UVLO logic will
prevent output switching until the following three condi-
tions are met: (1) VCC UVLO is enabled, (2) VREF is in
regulation and (3) UVLO pin is greater than 5V.
UVLO can also be used to enable and disable the power
converter. An open drain transistor connected to UVLO as
shown in Figure 3 provides this capability.
Off-Line Bias Supply Generation
If a regulated bias supply is not available to provide VCC
voltage to the LTC3721-1 and supporting circuitry, one
must be generated. Since the power requirement is small,
approximately 1W, and the regulation is not critical, a
simple open-loop method is usually the easiest and lowest
cost approach. One method that works well is to add a
winding to the main power transformer, and post regulate
the resultant square wave with an L-C filter (see Figure 4a).
The advantage of this approach is that it maintains decent
regulation as the supply voltage varies, and it does not
require full safety isolation from the input winding of the
transformer. Some manufacturers include a primary wind-
ing for this purpose in their standard product offerings as
well. A different approach is to add a winding to the output
inductor and peak detect and filter the square wave signal
(see Figure 4b). The polarity of this winding is designed so
Figure 2. Bias Configurations
37211 F02
12V ±10%
1.5k
VCC
VIN
VCC
CHOLD
1N5226
3V
1µF
1µF
VBIAS < VUVLO
RSTART
1N914
+
Figure 3. System UVLO Setup
ON OFF
RBOTTOM
RTOP
UVLO
37211 F03
Figure 4a. Auxiliary Winding Bias Supply
Figure 4b. Output Inductor Bias Supply
19211 F04a
+
VCC
VIN
CHOLD
1µF
RSTART
2k
15V*
*OPTIONAL
19211 F04b
VCC
VOUT
VIN
CHOLD
RSTART
+
1µF
LOUT
ISO BARRIER


Similar Part No. - LTC3721EGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3721EGN-1 LINEAR-LTC3721EGN-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
More results

Similar Description - LTC3721EGN-1

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
   Push-Pull PWM Controller
MIC3838 MICREL-MIC3838_05 Datasheet
196Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3838 MIC-MIC3838_11 Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838 Datasheet
341Kb / 11P
   Flexible Push-Pull PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033_05 Datasheet
712Kb / 17P
   100V Push-Pull Voltage Mode PWM Controller
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
   100V Push-Pull Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com