Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD5175T-32.768K-T500 Datasheet(PDF) 3 Page - Pletronics, Inc.

Part # FD5175T-32.768K-T500
Description  CMOS Clock Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD5175T-32.768K-T500 Datasheet(HTML) 3 Page - Pletronics, Inc.

  FD5175T-32.768K-T500 Datasheet HTML 1Page - Pletronics, Inc. FD5175T-32.768K-T500 Datasheet HTML 2Page - Pletronics, Inc. FD5175T-32.768K-T500 Datasheet HTML 3Page - Pletronics, Inc. FD5175T-32.768K-T500 Datasheet HTML 4Page - Pletronics, Inc. FD5175T-32.768K-T500 Datasheet HTML 5Page - Pletronics, Inc. FD5175T-32.768K-T500 Datasheet HTML 6Page - Pletronics, Inc. FD5175T-32.768K-T500 Datasheet HTML 7Page - Pletronics, Inc. FD5175T-32.768K-T500 Datasheet HTML 8Page - Pletronics, Inc. FD5175T-32.768K-T500 Datasheet HTML 9Page - Pletronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
FD51xxT-32.768KHz
CMOS Clock Oscillator
March 2009
www.pletronics.com
425-776-1880
3
PLL Multiplier #1.
The device can make only one of the setting of connections shown in the block diagram (only one
pattern stored in eePROM).
Control Inputs
The two inputs, S1/SDA and S2/SCL can be configured in two ways.
1)
Used as 2 user inputs to permit up to 4 states, Sx input setting.
2)
The SDA and SCL become clock and data inputs to write to the FD5T internal setting memory.
The interface follows the I
2C protocol. If the SDA and SCL are not set then the internal eePROM
sets the operation. (Not allowed if the VCXO function is specified.)
Standard Configuration
S1
S2
Output
SS
PLL
Low
Low
Tri State
---
Disable
High
Low
32.768KHz
±1% centered
Enable
Low
High
32.768KHz
±2% centered
Enable
High
High
32.768KHz
none
Disable


Similar Part No. - FD5175T-32.768K-T500

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
FD5175T-25.0M-PLE PLETRONICS-FD5175T-25.0M-PLE Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5175T-25.0M-PLE-1K PLETRONICS-FD5175T-25.0M-PLE-1K Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5175T-25.0M-PLE-T250 PLETRONICS-FD5175T-25.0M-PLE-T250 Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5175T-25.0M-PLE-T500 PLETRONICS-FD5175T-25.0M-PLE-T500 Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
More results

Similar Description - FD5175T-32.768K-T500

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
   CMOS/TTL CLOCK-OSCILLATOR
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD5T PLETRONICS-FD5T Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD7T PLETRONICS-FD7T Datasheet
296Kb / 19P
   Multi-Output CMOS Clock Oscillator
logo
ECS, Inc.
ECS-300C ECS-ECS-300C Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
ECS-300CX ECS-ECS-300CX Datasheet
157Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-300C ETC1-ECS-300C Datasheet
135Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
Abracon Corporation
ASE-12.000MHZ-LC-T ABRACON-ASE-12.000MHZ-LC-T Datasheet
931Kb / 2P
   3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com