Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F-1502 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # F-1502
Description  Data Line Filters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

F-1502 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  F-1502 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
30
DATALINE - 4/99
*For Dataline Filters with two coils or more
10
20
40
60
80
100
100
200
400
Frequency ( MHz )
(
Ω )
0
1000
600
800
Z
Typical
Minimum
- 40
Frequency
10 MHz
1 MHz
- 50
- 60
- 70
- 80
Impedance
*Crosstalk
OCL
L
L
DCR
C
W/W
50 mil
Data
Turns
min.
max.
max.
max.
50 mil
P/N
Lines
Coils
Ratio
(
µH )
(
µH )
( m
Ω )
( pF )
Package
F-1507
8
2
1:1:1:1
85
0.25
200
12.0
16-Pin
F-1508
6
3
1:1
85
0.25
200
12.0
16-Pin
F-1509
6
2
1:1:1
85
0.25
200
12.0
16-Pin
DG
J
100 mil DIP & SMD 6, 8, 14 & 16 Pin
(Add
G or J for SMD)
See pg. 40, fig. 4, 5, & 6
DIP
OCL
L
L
DCR
C
W/W
(See Dwg.
Part
Data
Turns
min.
max.
max.
max.
on Pg. 40)
Number
Lines
Coils
Ratio
(
µH )
(
µH )
( m
Ω )
( pF )
Package
F-1500
6
2
1:1:1
85
0.25
200
9.5
14 Pin
F-1501
3
1
1:1:1
85
0.25
200
9.5
6 Pin
F-1502
4
1
1:1:1:1
85
0.25
200
9.5
8 Pin
F-1503
8
2
1:1:1:1
85
0.25
200
12.0
16 Pin
F-1504
6
3
1:1
85
0.25
200
10.0
16 Pin
Electrical Specifications at 25OC
F-1501
3 Line 6-Pin
F-1503 & F-1507
8 Line 16-Pin Schematic
F-1504 & F-1508
6 Line 16-Pin Schematic
F-1502
4 Line 8-Pin
F-1500
6 Line 14-Pin Schematic
F-1509
6 Line 16-Pin Schematic
Data Line Filters
Data Line Protection Applications
Frequency Range up to 100 MHz
Filter Common &
Differential Mode Noise
EMI / RFI Suppression
High Current & Voltage Isolation
Hi-Pot 500 V
RMS Minimum
Tape & Reel available
for SMD versions
.015
(0.38)
TYP.
.505
(12.83)
MAX.
.016
(0.41)
TYP.
.205
(5.21)
MAX.
.360 (9.14)
.380 (9.65)
.285
(7.24)
MAX.
.025
(0.64)
TYP.
.050
(1.27)
TYP.
.010
(0.25)
TYP.
50 mil Package
F-1507, -1508, -1509
50 mil Package
F-1507, -1508, -1509
Dimensions in Inches (mm)
For Complete Details including
PDF Catalogs & Data Sheets on this
and other product families visit
www.rhombus-ind.com


Similar Part No. - F-1502

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-1502 RHOMBUS-IND-F-1502 Datasheet
28Kb / 1P
   High Frequency Data Line Filter
More results

Similar Description - F-1502

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF20001W XFMRS-XF20001W Datasheet
43Kb / 1P
   Data Line EMI Filters
logo
Coilcraft lnc.
DLF-8000L COILCRAFT-DLF-8000L Datasheet
167Kb / 1P
   Data Line EMI Filters
logo
Central Technologies
CTDLFF CT-CTDLFF Datasheet
97Kb / 1P
   Data Line EMI Filters
logo
XFMRS Inc.
XF20001W XFMRS-XF20001W Datasheet
43Kb / 1P
   Data Line EMI Filters
logo
Coilcraft lnc.
TTDLF COILCRAFT-TTDLF_15 Datasheet
613Kb / 2P
   SMT Data Line EMI Filters
CQ7584-AL COILCRAFT-CQ7584-AL_16 Datasheet
221Kb / 4P
   SMT Data Line EMI Filters
PDLF4000L COILCRAFT-PDLF4000L Datasheet
220Kb / 2P
   SMT Data Line EMI Filters
CCDLF COILCRAFT-CCDLF_13 Datasheet
228Kb / 2P
   SMT Data Line EMI Filters
CCDLF-10000L COILCRAFT-CCDLF-10000L Datasheet
203Kb / 2P
   SMT Data Line EMI Filters
TTDLF-2000L COILCRAFT-TTDLF-2000L Datasheet
229Kb / 2P
   SMT Data Line EMI Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com