Selected language     English  â–Ľ


F-1503 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-1503
Description  Data Line Filters
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
30
DATALINE - 4/99
*For Dataline Filters with two coils or more
10
20
40
60
80
100
100
200
400
Frequency ( MHz )
(
Ω )
0
1000
600
800
Z
Typical
Minimum
- 40
Frequency
10 MHz
1 MHz
- 50
- 60
- 70
- 80
Impedance
*Crosstalk
OCL
L
L
DCR
C
W/W
50 mil
Data
Turns
min.
max.
max.
max.
50 mil
P/N
Lines
Coils
Ratio
(
µH )
(
µH )
( m
Ω )
( pF )
Package
F-1507
8
2
1:1:1:1
85
0.25
200
12.0
16-Pin
F-1508
6
3
1:1
85
0.25
200
12.0
16-Pin
F-1509
6
2
1:1:1
85
0.25
200
12.0
16-Pin
DG
J
100 mil DIP & SMD 6, 8, 14 & 16 Pin
(Add
G or J for SMD)
See pg. 40, fig. 4, 5, & 6
DIP
OCL
L
L
DCR
C
W/W
(See Dwg.
Part
Data
Turns
min.
max.
max.
max.
on Pg. 40)
Number
Lines
Coils
Ratio
(
µH )
(
µH )
( m
Ω )
( pF )
Package
F-1500
6
2
1:1:1
85
0.25
200
9.5
14 Pin
F-1501
3
1
1:1:1
85
0.25
200
9.5
6 Pin
F-1502
4
1
1:1:1:1
85
0.25
200
9.5
8 Pin
F-1503
8
2
1:1:1:1
85
0.25
200
12.0
16 Pin
F-1504
6
3
1:1
85
0.25
200
10.0
16 Pin
Electrical Specifications at 25OC
F-1501
3 Line 6-Pin
F-1503 & F-1507
8 Line 16-Pin Schematic
F-1504 & F-1508
6 Line 16-Pin Schematic
F-1502
4 Line 8-Pin
F-1500
6 Line 14-Pin Schematic
F-1509
6 Line 16-Pin Schematic
Data Line Filters
Data Line Protection Applications
Frequency Range up to 100 MHz
Filter Common &
Differential Mode Noise
EMI / RFI Suppression
High Current & Voltage Isolation
Hi-Pot 500 V
RMS Minimum
Tape & Reel available
for SMD versions
.015
(0.38)
TYP.
.505
(12.83)
MAX.
.016
(0.41)
TYP.
.205
(5.21)
MAX.
.360 (9.14)
.380 (9.65)
.285
(7.24)
MAX.
.025
(0.64)
TYP.
.050
(1.27)
TYP.
.010
(0.25)
TYP.
50 mil Package
F-1507, -1508, -1509
50 mil Package
F-1507, -1508, -1509
Dimensions in Inches (mm)
For Complete Details including
PDF Catalogs & Data Sheets on this
and other product families visit
www.rhombus-ind.com




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PJ4L40QUAD SCHOTTKY DATA LINE BUS TERMINATOR 1 2 3 Pan Jit International Inc.
B84110-APower line filters for single-phase systems Rated voltage 250 V~ 50/60 Hz Rated current 0 5 A to 6 A 1 2 3 4 5 EPCOS
LFU10Line Filters 1 2 ice Components, Ins.
PLF3P4CEMI/RFI POWER LINE FILTERS PCB & CHASSIS MOUNT FILTERS 1 Adam Technologies, Inc.
PJLC1V5LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS 1 2 3 4 Pan Jit International Inc.
ITAXXB1_07Bidirectional Transil™ array for data line protection 1 2 3 4 5 MoreSTMicroelectronics
THS73183-Channel Low-Power EDTV/SDTV Video Line Driver With Low-Pass Filters 1 2 3 4 5 MoreTexas Instruments
LFU16Line Filters 1 2 ice Components, Ins.
3051Line Filters 1 Frontier Electronics.
PLF-1D3EMI/RFI POWER LINE FILTERS SMALL OUTLINE CHASSIS MOUNT 1 Adam Technologies, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl