Selected language     English  ▼


AM26C31C Datasheet(PDF) 4 Page - Texas Instruments

Part No. AM26C31C
Description  QUADRUPLE DIFFERENTIAL LINE DRIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 4 page
background image
AM26C31C, AM26C31I, AM26C31M
QUADRUPLE DIFFERENTIAL LINE DRIVERS
SLLS103G – DECEMBER 1990 – REVISED SEPTEMBER 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AM26C31C
AM26C31I
UNIT
MIN
TYP†
MAX
VOH
High-level output voltage
IO = – 20 mA
2.4
3.4
V
VOL
Low-level output voltage
IO = 20 mA
0.2
0.4
V
|VOD|
Differential output voltage magnitude
2
3.1
V
∆|VOD|
Change in magnitude of differential output voltage‡
RL = 100 Ω
See Figure 1
±0.4
V
VOC
Common-mode output voltage
RL = 100 Ω,
See Figure 1
3
V
∆|VOC|
Change in magnitude of common-mode output voltage‡
±0.4
V
II
Input current
VI = VCC or GND
±1
µA
IO( ff)
Driver output current with power off
VCC = 0,
VO = 6 V
100
µA
IO(off)
Driver output current with power off
VCC = 0,
VO = – 0.25 V
–100
µA
IOS
Driver output short-circuit current
VO = 0
–30
–150
mA
IOZ
High impedance off state output current
VO = 2.5 V
20
µA
IOZ
High-impedance off-state output current
VO = 0.5 V
–20
µA
IO = 0,
VI = 0 V or 5 V
100
µA
ICC
Quiescent supply current
IO = 0,
VI = 2.4 V or 0.5 V,
15
3
mA
O
,
See Note 2
I
,
1.5
3
mA
Ci
Input capacitance
6
pF
† All typical values are at VCC = 5 V and TA = 25°C.
∆|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to a low
level.
NOTE 2: This parameter is measured per input. All other inputs are at 0 or 5 V.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AM26C31C
AM26C31I
UNIT
MIN
TYP†
MAX
tPLH
Propagation delay time, low- to high-level output
3
7
12
ns
tPHL
Propagation delay time, high- to low-level output
S1 is open,
See Figure 2
3
7
12
ns
tsk(p)
Pulse skew time (| tPLH – tPHL|)
0.5
4
ns
tr(OD), tf(OD)
Differential output rise and fall times
S1 is open,
See Figure 3
5
10
ns
tPZH
Output enable time to high level
10
19
ns
tPZL
Output enable time to low level
S1 is closed
See Figure 4
10
19
ns
tPHZ
Output disable time from high level
S1 is closed,
See Figure 4
7
16
ns
tPLZ
Output disable time from low level
7
16
ns
Cpd
Power dissipation capacitance (each driver) (see
Note 3)
S1 is open,
See Figure 2
170
pF
† All typical values are at VCC = 5 V and TA = 25°C.
NOTE 3: Cpd is used to estimate the switching losses according to PD = Cpd × VCC2 × f, where f is the switching frequency.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN65LBC172AQUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
AM26LV31CLOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
HD75153Quadruple Differential Line Drivers With 3 State Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SN65LBC174QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
SN55ALS194QUADRUPLE DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
SN65LBC174AQUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
HD26C31Quadruple Differential Line Drivers With 3 State Outputs 1 2 3 4 5 MoreHitachi Semiconductor
SN55LBC175QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER 1 2 3 4 5 MoreTexas Instruments
SN65LVDM179HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1 2 3 4 5 MoreTexas Instruments
SN75ALS193QUADRUPLE DIFFERENTIAL LINE RECEIVER 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl