Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD5110TL-32.768K-1K Datasheet(PDF) 2 Page - Pletronics, Inc.

Part # FD5110TL-32.768K-1K
Description  CMOS Clock Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD5110TL-32.768K-1K Datasheet(HTML) 2 Page - Pletronics, Inc.

  FD5110TL-32.768K-1K Datasheet HTML 1Page - Pletronics, Inc. FD5110TL-32.768K-1K Datasheet HTML 2Page - Pletronics, Inc. FD5110TL-32.768K-1K Datasheet HTML 3Page - Pletronics, Inc. FD5110TL-32.768K-1K Datasheet HTML 4Page - Pletronics, Inc. FD5110TL-32.768K-1K Datasheet HTML 5Page - Pletronics, Inc. FD5110TL-32.768K-1K Datasheet HTML 6Page - Pletronics, Inc. FD5110TL-32.768K-1K Datasheet HTML 7Page - Pletronics, Inc. FD5110TL-32.768K-1K Datasheet HTML 8Page - Pletronics, Inc. FD5110TL-32.768K-1K Datasheet HTML 9Page - Pletronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FD51xxT-32.768KHz
CMOS Clock Oscillator
March 2009
www.pletronics.com
425-776-1880
2
Description:
The FD51xxT-32.768K is derived from the PLE FD51T series Programmable CMOS Clock Oscillator
which is a modular PLL-based low cost, high-performance oscillator. The frequency output is set to
32.768KHz. The FD51xxT-32.768K base frequency is a 24.576MHz AT cut fundamental mode crystal.
The FD5T has a separate output supply pin, V
DDOUT, for either 1.8, 2.5 or 3.3V output logic levels. The
device supply, V
DD which provides power to all the internal circuits, is nominally 1.8V.
The PLL is only utilized to support Spread Spectrum Clocking (SSC), in all other cases the PLL is disabled
to reduce power. SSC may be programmed to be either center-spread or down-spread. This is an
important technique to reduce electro-magnetic interference (EMI).
The device supports non-volatile eePROM programming for easy customization of the device. As
shipped, the device is pre-programmed. However, the FD51xxT-32.768K may be reprogrammed to a
different configuration. Reprogramming may be either prior to assembly, or in-circuit via a 2-wire
SDA/SCL I
2C bus. In-circuit programming is not allowed if the VCXO function is needed.
Two programmable control inputs, S1 and S2, may be used to control various aspects of
FD51xxT-32.768K operation including selection of alternative frequency set(s), selection of SSC
functionality, output tri-state and power-down.
Reference Oscillator
The VCXO input has a limited voltage range, the VCXO is associated with the internal 1.8V core. A
resistor in series with the Vcontrol input will permit interfacing to 3.3V analog circuits, the voltage range
that changes the frequency will still be limited but the larger voltages swings will not cause problems.
The VCXO function is only enabled (internally connected) if the part number indicates a VCXO
specification. When the VCXO function is enabled the I
2C programming mode will be disabled.
PLL Multiplier
The PLL Multiplier is enabled when tight tolerances are needed or when the spread spectrum function is
needed.
Spread Spectrum
The PLL has its individual Spread Spectrum (SS) function that can be enabled. This permits the
modulation of the output frequency by a user-set amount.
Divider Section
The dividers operate on the output of the PLL. The divider on the PLL can divide by 1 through 1023 and
is set to 750 in this case. There is only 1 setting allowed per divider. These are not set by the Sx input
state.
The dividers add very little jitter to the output signals.
Multiplexers
MUX #1 selects the input to the Divider #1, this can be the reference oscillator signal or the output from


Similar Part No. - FD5110TL-32.768K-1K

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
FD5110TL-25.0M-PLE PLETRONICS-FD5110TL-25.0M-PLE Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5110TL-25.0M-PLE-1K PLETRONICS-FD5110TL-25.0M-PLE-1K Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5110TL-25.0M-PLE-T250 PLETRONICS-FD5110TL-25.0M-PLE-T250 Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD5110TL-25.0M-PLE-T500 PLETRONICS-FD5110TL-25.0M-PLE-T500 Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
More results

Similar Description - FD5110TL-32.768K-1K

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
   CMOS/TTL CLOCK-OSCILLATOR
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD5T PLETRONICS-FD5T Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
FD7T PLETRONICS-FD7T Datasheet
296Kb / 19P
   Multi-Output CMOS Clock Oscillator
logo
ECS, Inc.
ECS-300C ECS-ECS-300C Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
ECS-300CX ECS-ECS-300CX Datasheet
157Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-300C ETC1-ECS-300C Datasheet
135Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
Abracon Corporation
ASE-12.000MHZ-LC-T ABRACON-ASE-12.000MHZ-LC-T Datasheet
931Kb / 2P
   3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com