Selected language     English  ▼


T-10352 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-10352
Description  Digital Audio Data Transmission Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
NAME:
RHOMBUS INDUSTRIES INC.
FSCM NO. 16714
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 OF 1
10/12/96
T-10247
PHYSICAL DIMENSIONS
All dimensions in inches (mm):
Digital Audio Data Transmission Transformer
(For Use with Crystal Semiconductor's CS8401, CS8402)
PARAMETER
MIN.
MAX.
UNITS
Open Circuit Inductance
2.0
3.0
mHy
Leakage Inductance
0.50
µHy
Rise Time
25
nSec
DC Resistance
0.7
ohms
Isolation (HI-POT)
2.0
KV
RMS
ET Product
20
V
µS
Common Mode Rejection
70
dB
(@ 1MHz in 100
Ω System)
Return Loss (100kHz - 10MHz)
22
dB
3 dB bandwidth 100kHz to 10 MHz typical
TEST CONDITIONS:
Oscillation Voltage = 20mV
Oscillation Frequency = 100.0 KHz
Turns Ratio ( + 5% )
1 : 1
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Operating Temperature:
00C to +700C
Parts shipped in anti-static
tubes. 50 pieces per tube
SCHEMATIC DIAGRAM:
www.rhombus-ind.com




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PE-65612TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION 1 2 Pulse A Technitrol Company
LC890561WCMOS IC Digital Audio Interface Receiver with Built-in Data Buffer Memory 1 2 3 4 5 MoreSanyo Semicon Device
TAS5504A4-Channel Digital Audio PWM Processor 1 2 3 4 5 MoreTexas Instruments
CS8420_07DIGITAL AUDIO SAMPLE RATE CONVERTER 1 2 3 4 5 MoreCirrus Logic
AKD4113-B192kHz digital audio receiver 1 2 3 4 5 MoreAsahi Kasei Microsystems
TOTX147FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT 1 2 3 4 5 Toshiba Semiconductor
TPA5050_07STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL 1 2 3 4 5 MoreTexas Instruments
TAS3103ADigital Audio Processor With 3D Effects 1 2 3 4 5 MoreTexas Instruments
TAS570620-W Stereo Digital Audio Power Amplifier with EQ and DRC 1 2 3 4 5 MoreTexas Instruments
STA323WQS2.1-channel high-efficiency digital audio system with QSound QHD® 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl