Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3729L-6 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3729L-6
Description  PolyPhase, Synchronous Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3729L-6 Datasheet(HTML) 1 Page - Linear Technology

  LTC3729L-6 Datasheet HTML 1Page - Linear Technology LTC3729L-6 Datasheet HTML 2Page - Linear Technology LTC3729L-6 Datasheet HTML 3Page - Linear Technology LTC3729L-6 Datasheet HTML 4Page - Linear Technology LTC3729L-6 Datasheet HTML 5Page - Linear Technology LTC3729L-6 Datasheet HTML 6Page - Linear Technology LTC3729L-6 Datasheet HTML 7Page - Linear Technology LTC3729L-6 Datasheet HTML 8Page - Linear Technology LTC3729L-6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC3729L-6
sn3729l6 3729l6fs
s
Desktop Computers
s
Internet Servers
s
Large Memory Arrays
s
DC Power Distribution Systems
APPLICATIO S
PolyPhase, Synchronous
Step-Down Switching Regulator
The LTC
®3729L-6 is a PolyPhaseTM synchronous step-
down current mode switching regulator controller with a
0.6V reference that drives N-channel external power
MOSFET stages in a phase-lockable fixed frequency archi-
tecture. The PolyPhase controller drives its two output
stages out of phase at frequencies up to 550kHz to
minimize the RMS ripple currents in both input and output
capacitors. The output clock signal allows expansion for
up to 12 evenly phased controllers for systems requiring
15A to 200A of output current. This PolyPhase technique
effectively multiplies the fundamental frequency by the
number of channels used, improving transient response
while operating each channel at an optimum frequency for
efficiency. Thermal design is also simplified.
An internal differential amplifier provides true remote
sensing of the regulated supply’s positive and negative
output terminals as required for high current applications.
A RUN/SS pin provides both soft-start and optional timed,
short-circuit shutdown. Current foldback limits MOSFET
dissipation during short-circuit conditions when the
overcurrent latchoff is disabled. OPTI-LOOP compensa-
tion allows the transient response to be optimized over a
wide range of output capacitance and ESR values. The
LTC3729L-6 includes a power good output pin that
indicates when the output voltage is inside the
±10%
tolerance window.
Figure 1. High Current Dual Phase Step-Down Converter
s
Reduces Required Input Capacitance and Power
Supply Induced Noise
s
True Remote Sensing Differential Amplifier
s
0.6V,
±1% Voltage Reference Accuracy
s
PolyPhase Controller Operates from Two to Twelve
Phases
s
Current Mode Control Ensures Current Sharing
s
Phase-Lockable Fixed Frequency: 250kHz to 550kHz
s
OPTI-LOOP
® Compensation Reduces COUT
s
Power Good Output Voltage Monitor
s
Wide VIN Range: 4V to 30V Operation
s
Very Low Dropout Operation: 99% Duty Cycle
s
Adjustable Soft-Start Current Ramping
s
Internal Current Foldback Plus Shutdown Timer
s
Overvoltage Soft-Latch Eliminates Nuisance Trips
s
Micropower Shutdown
s
32-Lead 5mm
× 5mm Plastic QFN Package
3729L-6 TA01
TG1
BOOST1
SW1
BG1
PGND
SENSE1+
SENSE1
TG2
BOOST2
SW2
BG2
INTVCC
SENSE2+
SENSE2
VIN
CLKOUT
RUN/SS
EAIN
ITH
VDIFFOUT
VOS
VOS
+
LTC3729L-6
SGND
0.1
µF
PGOOD
0.1
µF
10k
3300pF
S
S
S
S
S
S
S
S
10
1.5k
60.4k
10
µF ×6
35V
CERAMIC
+
COUT
270
µF ×4
2V
L1, L2: CEPH149-IROMC-H
COUT: T510E108K004AS
D1, D2: SBM540
M1, M3: Si7840DP
M2, M4: Si7440DP
VOUT
0.7V/40A
L1
1
µH
0.002
VIN
5V TO 15V
L2
1
µH
D2
D1
M1
M2
×2
M3
M4
×2
0.47
µF
S
0.47
µF
10
µF CER
X5R
0.002
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
OPTI-LOOP is a registered trademark of Linear Technology Corporation.
PolyPhase is a trademark of Linear Technology Corporation.


Similar Part No. - LTC3729L-6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3729L-6 LINER-LTC3729L-6_15 Datasheet
353Kb / 28P
   PolyPhase, Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC3729L-6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3729L-6 LINER-LTC3729L-6_15 Datasheet
353Kb / 28P
   PolyPhase, Synchronous Step-Down Switching Regulator
LTC1629-6 LINER-LTC1629-6_15 Datasheet
306Kb / 28P
   PolyPhase, Synchronous Step-Down Switching Regulator
LTC3415 LINER-LTC3415 Datasheet
321Kb / 28P
   7A, PolyPhase Synchronous Step-Down Regulator
LTC3415 LINER-LTC3415_15 Datasheet
320Kb / 28P
   7A, PolyPhase Synchronous Step-Down Regulator
LTC3729 LINER-LTC3729_15 Datasheet
353Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3729 LINER-LTC3729 Datasheet
342Kb / 28P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3729 LINER-LTC3729_1 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1629 LINER-LTC1629 Datasheet
330Kb / 28P
   PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1629 LINER-LTC1629_15 Datasheet
345Kb / 28P
   PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
   Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com