Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3736-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3736-1
Description  Dual 2-Phase, No RSENSE Synchronous Controller with Spread Spectrum
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3736-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3736-1 Datasheet HTML 3Page - Linear Technology LTC3736-1 Datasheet HTML 4Page - Linear Technology LTC3736-1 Datasheet HTML 5Page - Linear Technology LTC3736-1 Datasheet HTML 6Page - Linear Technology LTC3736-1 Datasheet HTML 7Page - Linear Technology LTC3736-1 Datasheet HTML 8Page - Linear Technology LTC3736-1 Datasheet HTML 9Page - Linear Technology LTC3736-1 Datasheet HTML 10Page - Linear Technology LTC3736-1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC3736-1
37361f
FU CTIO AL DIAGRA
+
+
SHDN
0.6V
VREF
EXTSS
0.7µA
CLK1
CLK2
0.54V
VFB1
VFB2
SLOPE1
SLOPE2
RUN/SS
VIN
CVIN
VIN
(TO CONTROLLER 1, 2)
RVIN
SSDIS
FREQ
UNDERVOLTAGE
LOCKOUT
SPREAD
SPECTRUM
OSCILLATOR
SLOPE
COMP
VOLTAGE
REFERENCE
tSEC = 1ms
INTSS
IPROG1
IPROG2
IPRG1
IPRG2
VOLTAGE
CONTROLLED
OSCILLATOR
MAXIMUM
SENSE VOLTAGE
SELECT
PGOOD
SHDN
OV1
UV1
UV2
OV2
37361 FD
(Common Circuitry)
TG1/TG2 (Pins 17, 15/Pins 20, 18): Top (PMOS) Gate Drive
Output. These pins drive the gates of the external P-channel
MOSFETs. These pins have an output swing from PGND to
SENSE+.
SSDIS (Pin 18/Pin 21): Spread Spectrum Disable Input. Tie
this pin to VIN to disable spread spectrum operation. In this
mode, the LTC3736-1 operates at a constant frequency
determined by the voltage on the FREQ pin. Tie this pin to
GND to enable spread spectrum operation.
BG1/BG2 (Pins 19, 13/Pins 22, 16): Bottom (NMOS) Gate
Drive Output. These pins drive the gates of the external N-
channel MOSFETs. These pins have an output swing from
PGND to SENSE+.
SENSE1+/SENSE2+ (Pins 21, 11/Pins 24, 14): Positive
Input to Differential Current Comparator. Also powers the
gate drivers. Normally connected to the source of the ex-
ternal P-channel MOSFET.
SW1/SW2 (Pins 22, 10/Pins 1, 13): Switch Node Connec-
tion to Inductor. Also the negative input to differential peak
current comparator and an input to the reverse current
comparator. Normally connected to the drain of the exter-
nal P-channel MOSFETs, the drain of the external N-channel
MOSFET and the inductor.
IPRG1/IPRG2 (Pins 23, 2/Pins 2, 5): Three-State Pins to
Select Maximum Peak Sense Voltage Threshold. These pins
select the maximum allowed voltage drop between the
SENSE+ and SW pins (i.e., the maximum allowed drop
across the external P-channel MOSFET) for each channel.
Tie to VIN, GND or float to select 204mV, 85mV or 125mV
respectively.
VFB1/VFB2(Pins24,7/Pins3,10):FeedbackPins.Receives
the remotely sensed feedback voltage for its controller from
an external resistor divider across the output.
Exposed Pad (Pin 25/NA): The exposed pad (UF Package)
must be soldered to the PCB ground.
PI FU CTIO S (UF/GN Package)


Similar Part No. - LTC3736-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3736-1 LINER-LTC3736-1 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3736-1 LINER-LTC3736-1_15 Datasheet
534Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Spread Spectrum
More results

Similar Description - LTC3736-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3736-1 LINER-LTC3736-1_15 Datasheet
534Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Spread Spectrum
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
logo
Analog Devices
LTC7802 AD-LTC7802 Datasheet
2Mb / 34P
   40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
LTC7802-3.3 AD-LTC7802-3.3 Datasheet
1Mb / 34P
   40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
logo
Linear Technology
LTC3776 LINER-LTC3776 Datasheet
429Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller for DDR/QDR Memory Termination
LTC3776 LINER-LTC3776_15 Datasheet
392Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller for DDR/QDR Memory Termination
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com