Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3736EGN-1 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3736EGN-1
Description  Dual 2-Phase, No RSENSE Synchronous Controller with Spread Spectrum
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3736EGN-1 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3736EGN-1 Datasheet HTML 4Page - Linear Technology LTC3736EGN-1 Datasheet HTML 5Page - Linear Technology LTC3736EGN-1 Datasheet HTML 6Page - Linear Technology LTC3736EGN-1 Datasheet HTML 7Page - Linear Technology LTC3736EGN-1 Datasheet HTML 8Page - Linear Technology LTC3736EGN-1 Datasheet HTML 9Page - Linear Technology LTC3736EGN-1 Datasheet HTML 10Page - Linear Technology LTC3736EGN-1 Datasheet HTML 11Page - Linear Technology LTC3736EGN-1 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
LTC3736-1
37361f
FU CTIO AL DIAGRA
Q
OV1
CLK1
SC1
SKIP1
SLOPE1
SW1
SENSE1+
IREV1
S
R
RS1
ANTISHOOT
THROUGH
PGND
TG1
SENSE1+
VIN
VOUT1
CIN
COUT1
MP1
MN1
BG1
R1B
L1
PGND
VFB1
ITH1
RITH1
CITH1
0.6V
0.12V
SC1
VFB1
SW1
SENSE1+
R1A
EXTSS
INTSS
EAMP
SHDN
+
SKIP1
IPROG1
ICMP
0.15V
+
VFB1
OV1
0.68V
+
PGND
IREV1
IPROG1
SW1
37361 CONT1
+
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
SCP
RICMP
OVP
(Controller 1)


Similar Part No. - LTC3736EGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3736EGN-2 LINER-LTC3736EGN-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
More results

Similar Description - LTC3736EGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3736-1 LINER-LTC3736-1_15 Datasheet
534Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Spread Spectrum
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
logo
Analog Devices
LTC7802 AD-LTC7802 Datasheet
2Mb / 34P
   40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
LTC7802-3.3 AD-LTC7802-3.3 Datasheet
1Mb / 34P
   40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
logo
Linear Technology
LTC3776 LINER-LTC3776 Datasheet
429Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller for DDR/QDR Memory Termination
LTC3776 LINER-LTC3776_15 Datasheet
392Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller for DDR/QDR Memory Termination
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com