Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3736EGN-2 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3736EGN-2
Description  Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3736EGN-2 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3736EGN-2 Datasheet HTML 3Page - Linear Technology LTC3736EGN-2 Datasheet HTML 4Page - Linear Technology LTC3736EGN-2 Datasheet HTML 5Page - Linear Technology LTC3736EGN-2 Datasheet HTML 6Page - Linear Technology LTC3736EGN-2 Datasheet HTML 7Page - Linear Technology LTC3736EGN-2 Datasheet HTML 8Page - Linear Technology LTC3736EGN-2 Datasheet HTML 9Page - Linear Technology LTC3736EGN-2 Datasheet HTML 10Page - Linear Technology LTC3736EGN-2 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC3736-2
37362fa
FU CTIO AL DIAGRA
+
+
SHDN
0.6V
VREF
EXTSS
0.7
µA
CLK1
CLK2
FCB
0.54V
VFB1
VFB2
FCB
0.6V
SLOPE1
SLOPE2
RUN/SS
VIN
CVIN
VIN
(TO CONTROLLER 1, 2)
RVIN
SYNC/FCB
PLLLPF
UNDERVOLTAGE
LOCKOUT
SYNC DETECT
VOLTAGE
CONTROLLED
OSCILLATOR
SLOPE
COMP
VOLTAGE
REFERENCE
tSEC = 1ms
INTSS
PHASE
DETECTOR
PGOOD
SHDN
OV1
UV1
UV2
OV2
37362 FD
(Common Circuitry)
resistor divider from the auxiliary output. To synchronize
with an external clock using the PLL, apply a CMOS
compatible clock with a frequency between 250kHz and
850kHz. To select pulse-skipping operation at light loads,
tie this pin to VIN. Grounding this pin selects forced
continuous operation, which allows the inductor current to
reverse. When synchronized to an external clock, pulse-
skipping operation is enabled at light loads.
BG1/BG2 (Pins 19, 13/Pins 22, 16): Bottom (NMOS) Gate
Drive Output. These pins drive the gates of the external N-
channel MOSFETs. These pins have an output swing from
PGND to SENSE+.
SENSE1+/SENSE2+ (Pins 21, 11/Pins 24, 14): Positive
Input to Differential Current Comparator. Also powers the
gate drivers. Normally connected to the source of the ex-
ternal P-channel MOSFET.
SW1/SW2 (Pins 22, 10/Pins 1, 13): Switch Node Connec-
tion to Inductor. Also the negative input to differential peak
current comparator and an input to the reverse current com-
parator. Normally connected to the drain of the external P-
channel MOSFETs, the drain of the external N-channel
MOSFET, and the inductor.
IPRG1/IPRG2 (Pins 23, 2/Pins 2, 5): Three-State Pins to
Select Maximum Peak Sense Voltage Threshold. These pins
select the maximum allowed voltage drop between the
SENSE+ and SW pins (i.e., the maximum allowed drop
across the external P-channel MOSFET) for each channel.
Tie to VIN, GND or float to select 345mV, 167mV, or 240mV
respectively.
VFB1/VFB2(Pins24,7/Pins3,10):FeedbackPins.Receives
the remotely sensed feedback voltage for its controller from
an external resistor divider across the output.
PI FU CTIO S


Similar Part No. - LTC3736EGN-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3736EGN-1 LINER-LTC3736EGN-1 Datasheet
528Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Spread Spectrum
More results

Similar Description - LTC3736EGN-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3708 LINER-LTC3708_15 Datasheet
417Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
LTC3708 LINER-LTC3708 Datasheet
420Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3736-1 LINER-LTC3736-1 Datasheet
528Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com