Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECLPWG-15 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # ECLPWG-15
Description  10K / 10KH ECL Logic Pulse Width Control Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

ECLPWG-15 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  ECLPWG-15 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
ECLPW 1/98
Rhombus
Industries Inc.
28
DDECL
8-Tap 100K
Schematic
IN
13
18
19
24
1
6
7
12
3
Vcc
8
9
10
11
45
13
4
5
6
7
8
2
V
CC
V
CCA
V
EE
V
CCA
V
CC
1.300
MAX
(33.02)
MAX
.030
(0.76)
TYP.
.050
(1.27)
TYP.
.350
(8.89)
.400
(10.16)
.520
(13.21)
MAX.
.010
(0.25)
TYP.
.100
(2.54)
TYP.
.020
(0.51)
TYP.
.120
(3.05)
MIN.
Dimensions in Inches (mm)
24-Pin Package with Unused Leads
Removed Per Schematic
P2
7
P3
21
OUT
100K ECL
16 to 1 MUX
V
6
8
P4
20
17
18
19
Output
Buffer
22
P1
Passive
Delay
Network
IN
CC
V
CCA
V
EE
Internal Termination
100 Ohm Thevenin to -2V
PPECL2
4-Bit 100K
Schematic
ECLHPW
Schematic
Buffered with 100K Series 300 Logic
8 Equal Delay Taps Series: DDECL
4-Bit Programmable Series: PPECL2
Stable Delay vs. Temperature: 300 ppm/OC
Operating Temperature Range 0OC to +85OC
100K ECL Logic Delay Modules
Contact Factory for Data Sheets
Electrical Specifications at 25OC
Electrical Specifications at 25OC
OUT
Pin 15
IN
Pin 4
T
D
PW
OUT
T
D
PW
OUT
OUT
Pin 3
IN
Pin 9
T
D
PW
OUT
T
D
PW
OUT
1
Vcc
16
OUT
Pulse Width
Control Circuit
IN
8
Vee
9
OUT
3
Vcc
2
ECLPWG Schematic
1
Vcc
16
15
OUT
Pulse Width
Control Circuit
IN
8
Vee
9
OUT
4
Vcc
GENERAL: For Operating Specifications and Test Conditions, see
Tables IV, V and VII on page 5 of this catalog. Delays specified for
the Leading Edge.
Operating Temp. Range, ECLPWG ........................... -40O to +85OC
Temperature Coefficient of PW ........................... 300ppm/OC typical
Supply Current, I
EE , ECLPWG .................. 40 mA typ., 65 mA max.
Operating Temp. Range, ECLHPW ................................ 0O to +75OC
Temperature Coefficient of PW ........................... 300ppm/OC typical
Supply Current, I
EE , ECLHPW ................... 50 mA typ., 75 mA max.
MAX.
.260
(6.60)
TYP.
.810
(20.57)
.300
(7.62)
MAX.
.100
(2.54)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.120
(3.05)
MIN.
.300
(7.62)
.400
(10.16)
MAX.
.010
(0.25)
TYP.
Dimensions in Inches (mm)
16-Pin Package with Unused Leads Removed Per Schematic
10K ECL Pulse Width Generator Modules
Part Number
Maximum
Freq. (MHz)
Output Pulse
Width (ns)
ECLPWG-5
77.0
5 ± 1.00
ECLPWG-6
67.0
6 ± 1.00
ECLPWG-7
59.0
7 ± 1.00
ECLPWG-8
53.0
8 ± 1.00
ECLPWG-9
48.0
9 ± 1.00
ECLPWG-10
43.0
10 ± 1.50
ECLPWG-15
31.0
15 ± 2.00
ECLPWG-20
23.0
20 ± 2.00
ECLPWG-25
19.0
25 ± 2.00
ECLPWG-30
15.0
30 ± 2.00
ECLPWG-40
11.0
40 ± 2.00
ECLPWG-50
9.0
50 ± 2.50
ECLPWG-60
8.0
60 ± 3.00
ECLPWG-75
6.5
75 ± 3.75
ECLPWG-100
5.0
100 ± 5.00
10KH ECL Pulse Width Generator Modules
Part Number
Maximum
Freq. (MHz)
Output Pulse
Width (ns)
ECLHPW-5
100.0
5 ± 1.00
ECLHPW-6
98.0
6 ± 1.00
ECLHPW-7
88.0
7 ± 1.00
ECLHPW-8
84.0
8 ± 1.00
ECLHPW-9
68.0
9 ± 1.00
ECLHPW-10
56.0
10 ± 1.50
ECLHPW-15
41.0
15 ± 2.00
ECLHPW-20
30.0
20 ± 2.00
ECLHPW-25
23.0
25 ± 2.00
ECLHPW-30
20.0
30 ± 2.00
ECLHPW-40
15.0
40 ± 2.00
ECLHPW-50
12.7
50 ± 2.50
ECLHPW-60
10.6
60 ± 3.00
ECLHPW-75
8.2
75 ± 3.75
ECLHPW-100
6.3
100 ± 5.00
10K / 10KH
ECL Logic
Pulse Width
Control Modules
Triggered by the input's rising edge (input pulse
width 5 ns, min.), a pulse of specified width will
be generated at the output
High-to-low transitions will not trigger the unit.
Propagation Delay of 2 ns typ., 4 ns max.
10K ECL ECLPWG Series: Designed
for output duty-cycle less than 50%.
10KH ECL ECLHPW Series: Designed
for output duty-cycle less than 65%.


Similar Part No. - ECLPWG-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECLPGM-10 ETC1-ECLPGM-10 Datasheet
40Kb / 1P
   10K ECL Pulse Generator Module
ECLPGM-100 ETC1-ECLPGM-100 Datasheet
40Kb / 1P
   10K ECL Pulse Generator Module
ECLPGM-15 ETC1-ECLPGM-15 Datasheet
40Kb / 1P
   10K ECL Pulse Generator Module
ECLPGM-20 ETC1-ECLPGM-20 Datasheet
40Kb / 1P
   10K ECL Pulse Generator Module
ECLPGM-25 ETC1-ECLPGM-25 Datasheet
40Kb / 1P
   10K ECL Pulse Generator Module
More results

Similar Description - ECLPWG-15

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S459-0006-02 BEL-S459-0006-02 Datasheet
64Kb / 1P
   5 TAP LEADING EDGE CONTROL 10KH ECL DELAY MODULES
logo
Rhombus Industries Inc.
FECL-3 RHOMBUS-IND-FECL-3 Datasheet
33Kb / 1P
   10K ECL Logic Buffered Delay 16-Pin Modules
logo
List of Unclassifed Man...
ECLPGM-5 ETC1-ECLPGM-5 Datasheet
40Kb / 1P
   10K ECL Pulse Generator Module
logo
Rhombus Industries Inc.
MECH2B-3 RHOMBUS-IND-MECH2B-3 Datasheet
22Kb / 1P
   MECH2B Series 10KH ECL Logic Buffered Dual Independent Delays
TTLOS-5 RHOMBUS-IND-TTLOS-5 Datasheet
23Kb / 1P
   TTL Gated Oscillators / Pulse Width Generator Modules / Pulse Width Discriminators
logo
BCD Semiconductor Manuf...
AZ494A BCDSEMI-AZ494A_06 Datasheet
186Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL598 TI-TL598_06 Datasheet
390Kb / 13P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Motorola, Inc
SG3525A MOTOROLA-SG3525A Datasheet
205Kb / 8P
   PULSE WIDTH MODULATOR CONTROL CIRCUITS
logo
ON Semiconductor
SG3525A ONSEMI-SG3525A_05 Datasheet
145Kb / 10P
   Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
logo
Unisonic Technologies
TL5001 UTC-TL5001_12 Datasheet
312Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com