Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3772B Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3772B
Description  Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3772B Datasheet(HTML) 1 Page - Linear Technology

  LTC3772B Datasheet HTML 1Page - Linear Technology LTC3772B Datasheet HTML 2Page - Linear Technology LTC3772B Datasheet HTML 3Page - Linear Technology LTC3772B Datasheet HTML 4Page - Linear Technology LTC3772B Datasheet HTML 5Page - Linear Technology LTC3772B Datasheet HTML 6Page - Linear Technology LTC3772B Datasheet HTML 7Page - Linear Technology LTC3772B Datasheet HTML 8Page - Linear Technology LTC3772B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC3772B
3772bfa
No Current Sense Resistor Required
High Output Currents Easily Achieved
Internal Soft-Start Ramps VOUT
Wide VIN Range: 2.75V to 9.8V
Low Dropout: 100% Duty Cycle
Constant Frequency 550kHz Operation
Low Ripple Pulse Skipping Operation at Light Load
Output Voltage as Low as 0.8V
±1.5% Voltage Reference Accuracy
Current Mode Operation for Excellent Line and Load
Transient Response
Only 8
µA Supply Current in Shutdown
Low Profile 8-Lead SOT-23 (1mm) and
(3mm
× 2mm) DFN (0.75mm) Packages
1- or 2-Cell Li-Ion Battery-Powered Applications
Wireless Devices
Portable Computers
Distributed Power Systems
550kHz Micropower Step-Down DC/DC Converter
The LTC
®3772B is a constant frequency current mode
step-down DC/DC controller in a low profile 8-lead SOT-23
(ThinSOT
TM) and a 3mm
× 2mm DFN package. The No
RSENSE
TM architecture eliminates the need for a current
sense resistor, improving efficiency and saving board
space.
The LTC3772B automatically switches into pulse skipping
operation at light loads. It consumes only 200
µA of quies-
cent current under a no-load condition.
The LTC3772B incorporates an undervoltage lockout fea-
ture that shuts down the device when the input voltage
falls below 2V. To maximize the runtime from a battery
source, the external P-channel MOSFET is turned on
continuously in dropout (100% duty cycle). High switch-
ing frequency of 550kHz allows the use of a small inductor
and capacitors. An internal soft-start smoothly ramps the
output voltage from zero to its regulation point.
ITH/RUN
LTC3772B
20k
82.5k
174k
22pF
680pF
GND
VFB
3772B TA01
SW
VIN
PGATE
10
µF
3.3
µH
VIN
2.75V TO 9.8V
VOUT
2.5V
2A
47
µF
Efficiency and Power Loss vs Load Current
(Figure 5 Circuit)
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Micropower No RSENSE
Constant Frequency Step-Down
DC/DC Controller
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
ThinSOT and No RSENSE are trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Protected by
U.S. Patents including 5731694, 6127815.
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
1
100
1000
10000
3772B TA01b
0
10
0.01
1
0.1
0.001
10
VIN = 3.3V
VIN = 5V
EFFICIENCY
POWER LOSS


Similar Part No. - LTC3772B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3772B LINER-LTC3772B Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3772B LINER-LTC3772B Datasheet
328Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772B LINER-LTC3772B_15 Datasheet
328Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
More results

Similar Description - LTC3772B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3772B LINER-LTC3772B_15 Datasheet
328Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772 LINER-LTC3772 Datasheet
252Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772 LINER-LTC3772_15 Datasheet
258Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3801 LINER-LTC3801_1 Datasheet
237Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3878 LINER-LTC3878_15 Datasheet
408Kb / 26P
   Fast, Wide Operating Range No RSENSE Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com