Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN412BTTE1002J100 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # RN412BTTE1002J100
Description  Surface Mount Coat-insulated Fixed Metal Film Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RN412BTTE1002J100 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  RN412BTTE1002J100 Datasheet HTML 1Page - KOA Speer Electronics, Inc. RN412BTTE1002J100 Datasheet HTML 2Page - KOA Speer Electronics, Inc. RN412BTTE1002J100 Datasheet HTML 3Page - KOA Speer Electronics, Inc. RN412BTTE1002J100 Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 1 OF 4
Surface Mount Coat-insulated
Fixed Metal Film Resistors
RN41, RM41 Type
KOA SPEER ELECTRONICS, INC.
SS-197 R5
AHA 6/07/07
C
L
D3
D1 D2
Insulation
Coating
Resistive
Film
Marking
Ceramic
Core
Trimming
Line
End
Cap
2. Dimensions and Construction
1. Features
Suitable for reflow and wave soldering
Meets or exceeds EIAJ-8009, EIA-PDP-100
High stability in short and long term tests
Marking: Blue body color for “RN” , green for “RM”
Products with lead-free terminations meet RoHS requirements.
Pb located in glass material, electrode and resistor element is
exempt per Annex 1, exemption 5 of EU directive 2005/95/EC
CERTIFIED
CERTIFIED
Type
L
2A
(0805)
.079±.004
(2.0±0.1)
.012
(0.3)
.049±.002
(1.25±0.05)
.053
(1.35)
.003
(0.07)
.004
(0.1)
.061
(1.55)
.057±.004
(1.45±0.1)
.02
(0.5)
.138±.008
(3.5±0.2)
2B
(1406)
.069
(1.75)
.061±.006
(1.55±0.15)
.02
(0.5)
.126±.008
(3.2±0.2)
2D
(1206)
.006
(0.15)
.094
(2.4)
.087±.004
(2.2±0.1)
.02
(0.5)
.232±.008
(5.9±0.2)
2E, 2H
(2309)
(Inch Size Code)
C (min.)
D1
D2 (max.)
D3 (max.)
Dimensions inches
(mm)
.071
(1.8)
.094
(2.4)
.087±.004
(2.2±0.1)
.02
(0.5)
.232±.008
(5.9±0.2)
3AS
.061
(1.55)
.055±.004
(1.4±0.1)
.02
(0.5)
.138±.008
(3.5±0.2)
2ES
(1406)
3. Type Designation
The type designation shall be the following form:
Size
Tolerance
Nominal
Resistance
2A:
0805
2B:
1406
2D: 1206
2E:
2309
2ES: 1406
2H: 2309
3AS: 2309
B = ±0.1%
C = ±0.25%
D = ±0.5%
F = ±1%
J = ±5%
±5%:
2 significant figures
+ 1 multiplier. “R”
indicates decimal
on values <10Ω
±1%:
3 significant figures
+ 1 multiplier. “R”
indicates decimal
on values <100Ω
2B
J
1002
Packaging
TE: 7"
Embossed
Plastic
(2A, 2B, 2ES -
3,000 pcs/reel)
(2D -
2,000 pcs/reel)
(2E, 2H, 3AS -
1,500 pcs/reel)
TE
Termination
Material
T: Sn
(Other
termination
styles may
be available,
please contact
factory for
options)
T
RN41
Dielectric
New Type
RN41
T.C.R.
(ppm/°C)
25
50
100
200
50*
*T.C.R. noted for RN41 only
SS-197 R5
6/7/07
5:14 PM
Page 1


Similar Part No. - RN412BTTE1002J100

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN412BTTE1002J100 KOA-RN412BTTE1002J100 Datasheet
99Kb / 2P
   fixed metal film melf resistors
More results

Similar Description - RN412BTTE1002J100

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
E011202 HOKURIKU-E011202 Datasheet
36Kb / 1P
   Miniature Paint Insulated Metal Film Fixed Resistors
E011201 HOKURIKU-E011201 Datasheet
70Kb / 2P
   High Stability Insulated Metal Film Fixed Resistors
logo
KOA Speer Electronics, ...
CW1PCT26 KOA-CW1PCT26 Datasheet
98Kb / 2P
   coat insulated, precision coat insulated miniature wirewound leaded resistors
RF26B2ETTA100J KOA-RF26B2ETTA100J Datasheet
434Kb / 2P
   coat-insulated fusing resistors
logo
HOKURIKU ELECTRIC INDUS...
E011300 HOKURIKU-E011300 Datasheet
82Kb / 2P
   Miniature Paint Insulated Metal Oxide Film Fixed Resistors
logo
RFE international
LRT RFE-LRT Datasheet
795Kb / 8P
   SURFACE MOUNT METAL FILM RESISTORS
2022.04.20
logo
ABCO ELECTRONICS CO.LTD
MR18W ABCO-MR18W Datasheet
564Kb / 1P
   FIXED METAL FILM RESISTORS
logo
KOA Speer Electronics, ...
CW12PCT52A103F KOA-CW12PCT52A103F Datasheet
319Kb / 3P
   coat insulated, precision coat insulated and miniature wirewound leaded resistors
CW1HCT52 KOA-CW1HCT52 Datasheet
89Kb / 2P
   coat insulated miniature wirewound resistors
logo
Vishay Siliconix
WSF VISHAY-WSF_15 Datasheet
84Kb / 3P
   Metal Film Resistors, Power, Surface Mount
Revision: 06-Nov-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com