Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3772ETS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3772ETS8
Description  Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3772ETS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3772ETS8 Datasheet HTML 6Page - Linear Technology LTC3772ETS8 Datasheet HTML 7Page - Linear Technology LTC3772ETS8 Datasheet HTML 8Page - Linear Technology LTC3772ETS8 Datasheet HTML 9Page - Linear Technology LTC3772ETS8 Datasheet HTML 10Page - Linear Technology LTC3772ETS8 Datasheet HTML 11Page - Linear Technology LTC3772ETS8 Datasheet HTML 12Page - Linear Technology LTC3772ETS8 Datasheet HTML 13Page - Linear Technology LTC3772ETS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC3772
3772f
The basic LTC3772 application circuit is shown on the front
page of this data sheet. External component selection is
driven by the load requirement and begins with the selec-
tion of the power MOSFET inductor and the output diode.
These are selected followed by the input bypass capacitor
CIN and output bypass capacitor COUT.
Power MOSFET Selection
An external P-channel power MOSFET must be selected for
use with the LTC3772. The main selection criteria for the
power MOSFET are the threshold voltage VGS(TH) and the
“on” resistance RDS(ON), reverse transfer capacitance CRSS
and total gate charge.
Since the LTC3772 is designed for operation down to low
input voltages, a sublogic level threshold MOSFET (RDS(ON)
guaranteed at VGS = 2.5V) is required for applications that
work close to this voltage. When these MOSFETs are used,
make sure that the input supply to the LTC3772 is less than
the absolute maximum VGS rating.
The P-channel MOSFET’s on-resistance is chosen based on
the required load current. The maximum average output
load current IOUT(MAX) is equal to the peak inductor current
minus half the peak-to-peak ripple current IRIPPLE. The
LTC3772’s current comparator monitors the drain-to-
source voltage VDS of the P-channel MOSFET, which is
sensed between the VIN and SW pins. The peak inductor
current is limited by the current threshold, set by the volt-
age on the ITH pin of the current comparator. The voltage
on the ITH pin is internally clamped, which limits the maxi-
mum current sense threshold ∆VSENSE(MAX) to approxi-
mately 175mV when IPRG is floating (100mV when IPRG is
tied low; 250mV when IPRG is tied high).
The output current that the LTC3772 can provide is given by:
I
V
R
I
OUT MAX
SENSE MAX
DS ON
RIPPLE
()
()
()
=
2
A reasonable starting point is setting ripple current IRIPPLE
to be 40% of IOUT(MAX). Rearranging the above equation
yields:
R
V
I
DS ON MAX
SENSE MAX
OUT MAX
()(
)
()
()
=
5
6
for Duty Cycle < 20%.
However, for operation above 20% duty cycle, slope com-
pensation has to be taken into consideration to select the
appropriate value of RDS(ON)toprovidetherequiredamount
of load current:
R
VSF
I
DS ON MAX
SENSE MAX
OUT MAX
()(
)
()
()
=
5
6
where SF is a factor whose value is obtained from the curve
in Figure 1.
These must be further derated to take into account the
significant variation in on-resistance with temperature. The
following equation is a good guide for determining the
required RDS(ON)MAX at 25°C (manufacturer’s specifica-
tion), allowing some margin for variations in the LTC3772
and external component values:
R
VSF
I
DS ON MAX
SENSE MAX
OUT MAX
T
()(
)
()
()
•. •
=
5
6
09
ρ
The ρT is a normalizing term accounting for the tempera-
ture variation in on-resistance, which is typically about
0.4%/°C, as shown in Figure 2. Junction to case tempera-
ture TJC is about 10°C in most applications. For a maximum
ambient temperature of 70°C, usingρ80°C~1.3intheabove
equation is a reasonable choice.
The required minimum RDS(ON) of the MOSFET is also
governed by its allowable power dissipation. For applica-
tions that may operate the LTC3772 in dropout–i.e., 100%
APPLICATIO S I FOR ATIO
Figure 2. RDS(ON) vs Temperature
JUNCTION TEMPERATURE (ϒC)
–50
1.0
1.5
150
0.5
0
0
50
100
2.0
3772 F02


Similar Part No. - LTC3772ETS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3772 LINER-LTC3772 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3772 LINER-LTC3772 Datasheet
258Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772B LINER-LTC3772B Datasheet
322Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772B LINER-LTC3772B Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3772B LINER-LTC3772B Datasheet
328Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
More results

Similar Description - LTC3772ETS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3772B LINER-LTC3772B_15 Datasheet
328Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772B LINER-LTC3772B Datasheet
322Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772 LINER-LTC3772_15 Datasheet
258Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3801 LINER-LTC3801_1 Datasheet
237Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3878 LINER-LTC3878_15 Datasheet
408Kb / 26P
   Fast, Wide Operating Range No RSENSE Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com