Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD5145TE-25.0M-PLE Datasheet(PDF) 2 Page - Pletronics, Inc.

Part # FD5145TE-25.0M-PLE
Description  Programmable CMOS Clock Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD5145TE-25.0M-PLE Datasheet(HTML) 2 Page - Pletronics, Inc.

  FD5145TE-25.0M-PLE Datasheet HTML 1Page - Pletronics, Inc. FD5145TE-25.0M-PLE Datasheet HTML 2Page - Pletronics, Inc. FD5145TE-25.0M-PLE Datasheet HTML 3Page - Pletronics, Inc. FD5145TE-25.0M-PLE Datasheet HTML 4Page - Pletronics, Inc. FD5145TE-25.0M-PLE Datasheet HTML 5Page - Pletronics, Inc. FD5145TE-25.0M-PLE Datasheet HTML 6Page - Pletronics, Inc. FD5145TE-25.0M-PLE Datasheet HTML 7Page - Pletronics, Inc. FD5145TE-25.0M-PLE Datasheet HTML 8Page - Pletronics, Inc. FD5145TE-25.0M-PLE Datasheet HTML 9Page - Pletronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FD5T Series Programmable
CMOS Clock Oscillator
November 2008
www.pletronics.com
425-776-1880
2
Description:
The FD5T series Programmable CMOS Clock Oscillator is a modular PLL-based low cost, high-
performance oscillator. The frequency range is from 12KHz to 230MHZ.
The FD5T base frequency, as noted in the device part number, is established during manufacture and is
permanently fixed. For convenience, the divider for output OUT characteristics may be pre-programmed
at the factory, or field programmed.
The FD5T has a separate output supply pin, V
DDOUT, for either 1.8, 2.5 or 3.3V output logic levels. The
device supply, V
DD which provides power to all the internal circuits, is nominally 1.8V.
The deep M/N PLL divider ratio allows the generation of zero-ppm clocks for applications such as WLAN,
BlueTooth, Ethernet, USB, IEEE1394, etc. from the base frequency.
The PLL supports Spread Spectrum Clocking (SSC). SSC may be programmed to be either center-
spread or down-spread. This is an important technique to reduce electro-magnetic interference (EMI).
The device supports non-volatile eePROM programming for easy customization of the device. As
shipped, the device is pre-programmed. Standard combinations are denoted by three characters in the
device part number. However, the FD5T may be reprogrammed to a different configuration.
Reprogramming may be either prior to assembly, or in-circuit via a 2-wire SDA/SCL I
2C bus. In-circuit
programming is not allowed if the VCXO function is needed.
Two programmable control inputs, S1 and S2, may be used to control various aspects of FD55T operation
including selection of alternative frequency set(s), selection of SSC functionality, output tri-state and
power-down.
Reference Oscillator
The Reference Oscillator is an AT cut quartz crystal based oscillator. This oscillator is very similar to the
Pletronics SM77xxH product oscillator. This signal is the lowest jitter and can be an output or can be
divided down by the Divider #1. The user may specify any frequency between 12MHz and 32MHz for
this reference. All output frequencies are derived from (referenced to) this Reference Oscillator.
The VCXO input has a limited voltage range, the VCXO is associated with the internal 1.8V core. A
resistor in series with the Vcontrol input will permit interfacing to 3.3V analog circuits, the voltage range
that changes the frequency will still be limited but the larger voltages swings will not cause problems.
The VCXO function is only enabled (internally connected) if the part number indicates a VCXO
specification. When the VCXO function is enabled the I
2C programming mode will be disabled.
PLL Multipliers
The PLL Multiplier can multiply the Reference Oscillator frequency from 1 (bypass mode) to any value
that is <=230MHz (the lowest frequency is the Reference Oscillator frequency).
The PLL Multipliers can have two setup options, 0 or 1, depending on which option is chosen and set by
the Sx control signals and the user’s definitions are stored in eePROM.
Spread Spectrum


Similar Part No. - FD5145TE-25.0M-PLE

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
FD5145TE-32.768K PLETRONICS-FD5145TE-32.768K Datasheet
134Kb / 11P
   CMOS Clock Oscillator
FD5145TE-32.768K-1K PLETRONICS-FD5145TE-32.768K-1K Datasheet
134Kb / 11P
   CMOS Clock Oscillator
FD5145TE-32.768K-T250 PLETRONICS-FD5145TE-32.768K-T250 Datasheet
134Kb / 11P
   CMOS Clock Oscillator
FD5145TE-32.768K-T500 PLETRONICS-FD5145TE-32.768K-T500 Datasheet
134Kb / 11P
   CMOS Clock Oscillator
More results

Similar Description - FD5145TE-25.0M-PLE

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-6SP QUARTZCOM-MCO-6SP Datasheet
119Kb / 1P
   SMD Clock Oscillator Programmable Output signal CMOS
logo
ECS, Inc.
ECS-UPO-8PINX ECS-ECS-UPO-8PINX Datasheet
434Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143X ECS-ECS-P143X Datasheet
177Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P83 ECS-ECS-P83 Datasheet
174Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143 ECS-ECS-P143 Datasheet
173Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P83X ECS-ECS-P83X Datasheet
177Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD51XXT PLETRONICS-FD51XXT Datasheet
134Kb / 11P
   CMOS Clock Oscillator
logo
ECS, Inc.
ECS-P53 ECS-ECS-P53 Datasheet
190Kb / 1P
   PROGRAMMABLE SMD CLOCK OSCILLATOR
ECS-P73 ECS-ECS-P73 Datasheet
115Kb / 1P
   PROGRAMMABLE SMD CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com