Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD5175TE-25.0M-PLE Datasheet(PDF) 3 Page - Pletronics, Inc.

Part # FD5175TE-25.0M-PLE
Description  Programmable CMOS Clock Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD5175TE-25.0M-PLE Datasheet(HTML) 3 Page - Pletronics, Inc.

  FD5175TE-25.0M-PLE Datasheet HTML 1Page - Pletronics, Inc. FD5175TE-25.0M-PLE Datasheet HTML 2Page - Pletronics, Inc. FD5175TE-25.0M-PLE Datasheet HTML 3Page - Pletronics, Inc. FD5175TE-25.0M-PLE Datasheet HTML 4Page - Pletronics, Inc. FD5175TE-25.0M-PLE Datasheet HTML 5Page - Pletronics, Inc. FD5175TE-25.0M-PLE Datasheet HTML 6Page - Pletronics, Inc. FD5175TE-25.0M-PLE Datasheet HTML 7Page - Pletronics, Inc. FD5175TE-25.0M-PLE Datasheet HTML 8Page - Pletronics, Inc. FD5175TE-25.0M-PLE Datasheet HTML 9Page - Pletronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FD5T Series Programmable
CMOS Clock Oscillator
November 2008
www.pletronics.com
425-776-1880
3
Each PLL has its individual Spread Spectrum (SS) function that can be enabled. This permits the
modulation of the output frequency by a user-set amount. The modulation can be centered on the
output frequency or down side only. Which of the 1 of 8 SS settings is being used is set by the Sx input
and the user definition. The value is a percentage of the output frequency that will be modulated.
SS Option
Down Side Modulation
Centered Modulation
0
No SS
No SS
1
-0.25%
+
_0.25%
2
-0.50%
+
_0.50%
3
-0.75%
+
_0.75%
4
-1.00%
+
_1.00%
5
-1.25%
+
_1.25%
6
-1.50%
+
_1.50%
7
-2.00%
+
_2.00%
Divider Section
The dividers operate on the output of the PLL. The divider on the PLL can divide by 1 through 127, the
value is user defined. There is only 1 setting allowed per divider. These are not set by the Sx input
state.
The dividers add very little jitter to the output signals.
Multiplexers
MUX #1 selects the input to the Divider #1, this can be the reference oscillator signal or the output from
PLL Multiplier #1. MUX #3 connect various divider outputs to the output buffer.
The device can make only one of the setting of connections shown in the block diagram (only one
pattern stored in eePROM).
Output Buffer
The output buffer can have 3 modes of operation:
1) Tri State
2) Active Low
3) The signal output of the Multiplexer
There can be two options stored for the Output Buffer, State 0 and State 1. The four Sx input settings
can have assigned one of the two Output Buffer states for each of Output Buffer sets.
Control Inputs
The two inputs, S1/SDA and S2/SCL can be configured in two ways.
1)
Used as 2 user inputs to permit up to 4 states, Sx input setting.
2)
The SDA and SCL become clock and data inputs to write to the FD5T internal setting memory.
The interface follows the I
2C protocol. If the SDA and SCL are not set then the internal eePROM
sets the operation. (Not allowed if the VCXO function is specified.)


Similar Part No. - FD5175TE-25.0M-PLE

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
FD5175TE-32.768K PLETRONICS-FD5175TE-32.768K Datasheet
134Kb / 11P
   CMOS Clock Oscillator
FD5175TE-32.768K-1K PLETRONICS-FD5175TE-32.768K-1K Datasheet
134Kb / 11P
   CMOS Clock Oscillator
FD5175TE-32.768K-T250 PLETRONICS-FD5175TE-32.768K-T250 Datasheet
134Kb / 11P
   CMOS Clock Oscillator
FD5175TE-32.768K-T500 PLETRONICS-FD5175TE-32.768K-T500 Datasheet
134Kb / 11P
   CMOS Clock Oscillator
More results

Similar Description - FD5175TE-25.0M-PLE

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-6SP QUARTZCOM-MCO-6SP Datasheet
119Kb / 1P
   SMD Clock Oscillator Programmable Output signal CMOS
logo
ECS, Inc.
ECS-UPO-8PINX ECS-ECS-UPO-8PINX Datasheet
434Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143X ECS-ECS-P143X Datasheet
177Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P83 ECS-ECS-P83 Datasheet
174Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143 ECS-ECS-P143 Datasheet
173Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P83X ECS-ECS-P83X Datasheet
177Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD51XXT PLETRONICS-FD51XXT Datasheet
134Kb / 11P
   CMOS Clock Oscillator
logo
ECS, Inc.
ECS-P53 ECS-ECS-P53 Datasheet
190Kb / 1P
   PROGRAMMABLE SMD CLOCK OSCILLATOR
ECS-P73 ECS-ECS-P73 Datasheet
115Kb / 1P
   PROGRAMMABLE SMD CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com