Electronic Components Datasheet Search
Selected language     English  ▼


AM26C31ID Datasheet(PDF) 6 Page - Texas Instruments

Part No. AM26C31ID
Description  QUADRUPLE DIFFERENTIAL LINE DRIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 6 page
background image
AM26C31C, AM26C31I, AM26C31M
QUADRUPLE DIFFERENTIAL LINE DRIVERS
SLLS103G – DECEMBER 1990 – REVISED SEPTEMBER 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
RL/2
VOC
RL/2
VOD2
Figure 1. Differential and Common-Mode Output Voltages
Input A
(see Note B)
Output Y
1.3 V
50%
50%
tsk(p)
Output Z
50%
50%
tPHL
tPLH
tsk(p)
tPLH
tPHL
C3
40 pF
C2
40 pF
C1
40 pF
Input
See Note A
TEST CIRCUIT
RL/2
RL/2
1.5 V
500
S1
1.3 V
1.3 V
NOTES: A. C1, C2, and C3 include probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, duty cycle ≤ 50%, and tr tf ≤ 6 ns.
3 V
0 V
Figure 2. Propagation Delay Time and Skew Waveforms and Test Circuit




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN65LBC172AQUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
AM26LV31CLOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
HD75153Quadruple Differential Line Drivers With 3 State Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SN65LBC174QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
SN55ALS194QUADRUPLE DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
SN65LBC174AQUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
HD26C31Quadruple Differential Line Drivers With 3 State Outputs 1 2 3 4 5 MoreHitachi Semiconductor
SN55LBC175QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER 1 2 3 4 5 MoreTexas Instruments
SN65LVDM179HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1 2 3 4 5 MoreTexas Instruments
SN75ALS193QUADRUPLE DIFFERENTIAL LINE RECEIVER 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl