Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54066IRZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL54066IRZ-T
Description  1.8V to 6.5V, High Off-Isolation, Dual SPST Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54066IRZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL54066IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL54066IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL54066IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL54066IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL54066IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL54066IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL54066IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL54066IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL54066IRZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN6584.0
February 25, 2009
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 1.8V, VIN = 1.8V, RL = 50Ω, CL = 35pF
(See Figure 1)
25
-
180
-
ns
Turn-OFF Time, tOFF
V+ = 1.8V, VIN = 1.8V, RL = 50Ω, CL = 35pF
(See Figure 1)
25
-
44
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2)
25
-
40
-
pC
-3dB Bandwidth
VCOM = 1VRMS, RL = 50Ω, CL = 5pF
25
-
30
-
MHz
INx OFF Capacitance, COFF
f = 1MHz, GND1 = float (See Figure 6)
25
-
33
-
pF
OUTx ON Capacitance, COUT(ON)
f = 1MHz, GND2 = float (See Figure 6)
25
-
124
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VCTLx_L
25
-
-
0.4
V
Input Voltage High, VCTLx_H
25
1.0
-
-
V
Input Current, ICTLx_H, ICTLx_L
V+ = 2.0V, VCTLx = 0V or V+
25
-0.5
-
-
µA
Full
-
0.5
-
µA
NOTES:
9. VCTL_x = input voltage to perform proper function.
10. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
11. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
12. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal range.
13. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max rON
value, between IN1 and IN2.
14. Limits established by characterization and are not production tested.
Test Circuits and Waveforms
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
Electrical Specifications - 1.8V Supply Test Conditions: V+ = +1.8V, GND = 0V, VCTL_H = 1.0V, VCTL_L = 0.4V (Note 9),
Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11) TYP
MAX
(Notes 10, 11) UNITS
50%
tr < 5ns
tf < 5ns
tOFF
90%
V+
0V
VIN
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
V
OUT
V
(IN)
R
L
R
L
r
ON
+
------------------------
=
SWITCH
INPUT
LOGIC
INPUT
VOUT
RL
CL
OUT
IN
CTL
50
Ω
35pF
GNDx
V+
C
ISL54066


Similar Part No. - ISL54066IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54066IRZ-T INTERSIL-ISL54066IRZ-T Datasheet
402Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
logo
Renesas Technology Corp
ISL54066IRZ-T RENESAS-ISL54066IRZ-T Datasheet
738Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
More results

Similar Description - ISL54066IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54063 INTERSIL-ISL54063 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST
ISL54060 INTERSIL-ISL54060_09 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54060 INTERSIL-ISL54060 Datasheet
389Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
logo
STMicroelectronics
STG6384 STMICROELECTRONICS-STG6384 Datasheet
328Kb / 21P
   High isolation dual SPST analog switch
logo
Intersil Corporation
ISL54059 INTERSIL-ISL54059 Datasheet
392Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
logo
Fairchild Semiconductor
FSA1259 FAIRCHILD-FSA1259_09 Datasheet
883Kb / 11P
   Low-Voltage, 1廓 Dual SPST Analog Switch with Power-Off Isolation
FSA1259 FAIRCHILD-FSA1259 Datasheet
586Kb / 11P
   Low-Voltage, 1廓 Dual SPST Analog Switch with Power-Off Isolation
logo
Intersil Corporation
ISL54059 INTERSIL-ISL54059_09 Datasheet
399Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
logo
Renesas Technology Corp
ISL54066 RENESAS-ISL54066 Datasheet
738Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54066_0911 INTERSIL-ISL54066_0911 Datasheet
402Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com