Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3785-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3785-1
Description  10V, High Effi ciency, Buck-Boost Controller with Power Good
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3785-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3785-1 Datasheet HTML 3Page - Linear Technology LTC3785-1 Datasheet HTML 4Page - Linear Technology LTC3785-1 Datasheet HTML 5Page - Linear Technology LTC3785-1 Datasheet HTML 6Page - Linear Technology LTC3785-1 Datasheet HTML 7Page - Linear Technology LTC3785-1 Datasheet HTML 8Page - Linear Technology LTC3785-1 Datasheet HTML 9Page - Linear Technology LTC3785-1 Datasheet HTML 10Page - Linear Technology LTC3785-1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC3785-1
7
37851f
BLOCK DIAGRAM
+
+
+
+
+
2.4V
TSD
1.225V
TG1
BG1
VOUT
LOW
15mV
OR
1X ILIMIT
gm
1/25k
V = 60k/RILSET
X10
V = 90k/RILSET
UVLO
VBE
2μA
ILIM(OUT)
ILIM(OUT)
10μA MAX
1μA
RUN/SS
CSS
VSENSE
VOUT
FB
RT
MODE
1.5V
SS
ILIM COMP
IMAX COMP
VC
1.225V
RUN
VREF
–7.5%
FAULT
LOGIC
BURST
LOGIC
ILIMIT
SET
1/2 LIMIT AT VOUT < 1V
GND/PGND
PGOOD
UV
OV
SD
UVLO
1 = Burst Mode OPERATION
0 = FIXED FREQUENCY
100% DUTY
CHARGE PUMP
100% DUTY
CHARGE PUMP
0 = 15mV
1 = ILIMIT
4.5V REG
SAMPLED
SAMPLED
PGND
1.8V
DISABLE
REVERSE
CURRENT LIMIT
(ZERO LIMIT FOR BURST)
IDEAL DIODE
BBM
SW1
DELAY
VCC
VIN
ILIMIT
VIN
2.7V TO 10V
ISVIN
VBST1
VBST2
VOUT
D1
OPT
D2
OPT
COUT
L1
TG1
MA
CIN
CVCC
MB
MD
MC
CB
CA
SW1
SW2
SW1
SW2
BG2
VDRV
PGND
ISSW2
ISSW1
ISVOUT
VDRV
BG1
TG2
ADRV
IMAX
SW1
PULSE
SW2
PULSE
TG2
BG2
VREV
BBM
SW2
DELAY
BDRV
CCM
37851 BD
VREV
CDRV
DDRV
REVERSE
LIMIT
UV
UV
+
7.5%
OSC
OV
BURST
OV
1.225V
R2
R1
RT
RILSET
+
+
ILSET
VOUT
CP1
23
22
20
21
19
18
16
17
10
12
11
13
14
15
6
25
9
5
8
7
2
3
4
1
24


Similar Part No. - LTC3785-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3785-1 LINER-LTC3785-1 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTC3785-1 LINER-LTC3785-1_15 Datasheet
224Kb / 20P
   10V, High Effi ciency, Buck-Boost Controller with Power Good
More results

Similar Description - LTC3785-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3785-1 LINER-LTC3785-1_15 Datasheet
224Kb / 20P
   10V, High Effi ciency, Buck-Boost Controller with Power Good
LTC3785 LINER-LTC3785 Datasheet
259Kb / 20P
   10V, High Effi ciency, Synchronous, No RSENSE Buck-Boost Controller
LTC3780 LINER-LTC3780_12 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTC3586 LINER-LTC3586 Datasheet
315Kb / 36P
   High Effi ciency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTM4605 LINER-LTM4605 Datasheet
281Kb / 24P
   High Effi ciency Buck-Boost DC/DC 關Module
LTC3556 LINER-LTC3556_15 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3556 LINER-LTC3556 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3566 LINER-LTC3566 Datasheet
262Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
LTC3567 LINER-LTC3567_15 Datasheet
281Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
LTC3567 LINER-LTC3567 Datasheet
273Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com