Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3773EUHF-TRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3773EUHF-TRPBF
Description  Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3773EUHF-TRPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC3773EUHF-TRPBF Datasheet HTML 1Page - Linear Technology LTC3773EUHF-TRPBF Datasheet HTML 2Page - Linear Technology LTC3773EUHF-TRPBF Datasheet HTML 3Page - Linear Technology LTC3773EUHF-TRPBF Datasheet HTML 4Page - Linear Technology LTC3773EUHF-TRPBF Datasheet HTML 5Page - Linear Technology LTC3773EUHF-TRPBF Datasheet HTML 6Page - Linear Technology LTC3773EUHF-TRPBF Datasheet HTML 7Page - Linear Technology LTC3773EUHF-TRPBF Datasheet HTML 8Page - Linear Technology LTC3773EUHF-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC3773
2
3773fb
PIN CONFIGURATIONS
ABSOLUTE MAXIMUM RATINGS
Topside Driver Voltage (BOOSTn) .............. 42V to –0.3V
Switch Voltage (SWn) ................................... 36V to –1V
Boosted Driver Voltage (BOOSTn – SWn).... 7V to –0.3V
Supply Voltages (VCC, VDR)..........................7V to –0.3V
PGOOD, PHASEMD, PLLFLTR, PLLIN/FC, SDBn,
TRACKn, VFBn...............................(VCC + 0.3V) to –0.3V
SENSE+n, SENSEn ........................ (1.1 • VCC) to –0.3V
ITHn Voltage...............................................2.7V to –0.3V
(Note 1)
Extended Commercial Operating
Temperature Range (Note 2)................–40°C to 85°C
Junction Temperature (Note 2) ............................. 125°C
Storage Temperature Range...................–65°C to 125°C
Lead Temperature (Soldering, 10 sec)
G Package......................................................... 300°C
Peak Body Temperature UHF Package................... 240°C
TJMAX = 125°C, θJA = 95°C/W
TJMAX = 125°C, θJA = 34°C/W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
G PACKAGE
36-LEAD PLASTIC SSOP
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
PHASEMD
PGOOD
BOOST1
TG1
SW1
SW2
TG2
BOOST2
BOOST3
TG3
SW3
BG1
BG2
VDR
PGND
BG3
PLLIN/FC
PLLFLTR
SENSE1+
SENSE1
SDB
TRACK1
VFB1
ITH1
SGND
ITH2
ITH3
VFB2
VFB3
TRACK2
TRACK3
SENSE2
SENSE2+
SENSE3
SENSE3+
VCC
13 14 15 16
TOP VIEW
39
UHF PACKAGE
38-LEAD (5mm × 7mm) PLASTIC QFN
EXPOSED PAD IS PGND (PIN 39),
MUST BE SOLDERED TO PCB
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
TRACK1
VFB1
ITH1
SGND
ITH2
ITH3
VFB2
VFB3
TRACK2
TRACK3
SENSE2
SENSE2+
BOOST1
TG1
SW1
SW2
TG2
BOOST2
BOOST3
TG3
SW3
BG1
BG2
VDR
23
22
21
20
9
10
11
12
ORDERING INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3773EG#PBF
LTC3773EG#TRPBF
36-Lead Plastic SSOP
–40°C to 85°C
LTC3773EUHF#PBF
LTC3773EUHF#TRPBF
3773E
38-Lead (5mm x 7mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC3773EUHF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3773 LINER-LTC3773 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3773 LINER-LTC3773_15 Datasheet
479Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
More results

Similar Description - LTC3773EUHF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3773 LINER-LTC3773_15 Datasheet
479Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
LTC3802 LINER-LTC3802 Datasheet
346Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3802 LINER-LTC3802_15 Datasheet
356Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3829 LINER-LTC3829 Datasheet
484Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3829 LINER-LTC3829_15 Datasheet
441Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com