Electronic Components Datasheet Search
Selected language     English  ▼


AM26C31CDB Datasheet(PDF) 9 Page - Texas Instruments

Part No. AM26C31CDB
Description  QUADRUPLE DIFFERENTIAL LINE DRIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 9 page
background image
AM26C31C, AM26C31I, AM26C31M
QUADRUPLE DIFFERENTIAL LINE DRIVERS
SLLS103G – DECEMBER 1990 – REVISED SEPTEMBER 1998
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
150
100
50
0
0
5
10
15
20
25
200
250
SUPPLY CURRENT
vs
SWITCHING FREQUENCY
300
30
35
40
f – Switching Frequency – MHz
VCC = 5 V
TA = 25°C
See Figure 2
S1 Open
All Four Channels Switching Simultaneously
N Package
Figure 5




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN65LBC172AQUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
AM26LV31CLOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
HD75153Quadruple Differential Line Drivers With 3 State Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SN65LBC174QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
SN55ALS194QUADRUPLE DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
SN65LBC174AQUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
HD26C31Quadruple Differential Line Drivers With 3 State Outputs 1 2 3 4 5 MoreHitachi Semiconductor
SN55LBC175QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVER 1 2 3 4 5 MoreTexas Instruments
SN65LVDM179HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1 2 3 4 5 MoreTexas Instruments
SN75ALS193QUADRUPLE DIFFERENTIAL LINE RECEIVER 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl